Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34BWSP41B1M7RT Datasheet(PDF) 4 Page - Grayhill, Inc

Part # 34BWSP41B1M7RT
Description  Sealed Miniature Toggle Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

34BWSP41B1M7RT Datasheet(HTML) 4 Page - Grayhill, Inc

  34BWSP41B1M7RT Datasheet HTML 1Page - Grayhill, Inc 34BWSP41B1M7RT Datasheet HTML 2Page - Grayhill, Inc 34BWSP41B1M7RT Datasheet HTML 3Page - Grayhill, Inc 34BWSP41B1M7RT Datasheet HTML 4Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
(
)
(
)
(
)
(
)
(
)
(
)
(
)
SPECIFICATIONS
RATINGS
Contact Rating: Q option - 5A with resistive
load @ 125VAC or 28 VDC; 2A with resistive
load @ 250 VAC. R option-0.4 VA max @ 20
Vmax (AC or DC)
Electrical Life: 50,000 make-and-break
cycles at full load
Contact Resistance: 10 milliohms max.
initial @ 2-4 VDC, 100 mA
Insulation Resistance: 1,000 megaohms
minimum
Dielectic Strength: 1,500 V RMS @ sea
level
Operating Temperature: -30°C to 85°C
MATERIALS
Case and Bushings: Glass-filled nylon 6/6,
TERMINATION OPTIONS In inches (and millimeters)
flame retardant, heat stabilized (UL94V-0)
Actuator: Brass, chrome plated. Internal O-
ring seal standard with all actuators.
Frame: Spring steel
Switch Support: Brass, tin-plated
Actuator Pivot & Mounting Bracket:
Nylon
Actuator Pivot Retainer: Stainless Steel
Terminal and Contacts: Copper alloy with
plated over nickel or silver plate
Terminal Seal: Epoxy
HARDWARE In inches (and millimeters)
NUT
LOCKING RING
LOCK WASHER
ORDERING INFORMATION
Available from your local Grayhill Component Distributor. For prices and discounts, contact a local Sales Office, an authorized local
Distributor or Grayhill.
Series 34B: Sealed Miniature Toggle Switches
DPDT
3PDT
OPTION
CODE
DIM."A"
V2
V3
.460
(11,68)
.630
(16,00)
P.C. MOUNTING
4
5
6
OPTION
CODE
DIM."A"
V2
V3
.460
(11,68)
.630
(16,00)
P.C. MOUNTING
4
5
6
DIM. "A"
.320
(8.13)
.048
(1.22)
.125
(3.18)
.620
(15.75)
.020
(0.51)
.185
(4.70)
.030
(0.76)
.620
(15.75)
.125
(3.18)
Ø.073
(Ø1.85)
.190
(4.83)
.185
(4.70)
.297
(7.54)
.230
(5.84)
Ø.107
(Ø2.72)
DIM. "A"
.320
(8.13)
.048
(1.22)
.125
(3.18)
.620
(15.75)
.020
(0.51)
.185
(4.70)
.030
(0.76)
.620
(15.75)
.190
(4.83)
.297
(7.54)
.230
(5.84)
Ø.107
(Ø2.72)
.185
(4.70)
Ø.073
(Ø1.85)
34BWSP12B4M2RT
Series 34B Sealed Miniature Toggle Switches
Model: SPDT: WSP1, WSP2, WSP3, WSP4, WSP5
DPDT: WDP1, WDP2, WDP3, WDP4, WDP5
3PDT: W3P1, W3P2, W3P3, W3P4, W3P5
(See Model options.)
Actuator: 1, 2 (See Actuator options)
RoHS Compliant
Contact: R = Copper alloy, gold plate over nickel plate,
Q = Copper alloy, gold plate over silver plate
Termination Options: M1, M2, M6, M7, V2, V3
(See Termination options.)
Bushing Option: B1, B4 (See Bushing options.)
Toggle
13


Similar Part No. - 34BWSP41B1M7RT

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
34BMSP11B1M1RT GRAYHILL-34BMSP11B1M1RT Datasheet
201Kb / 4P
   Sub-Miniature Toggle Switches
34BMSP11B2M1RT GRAYHILL-34BMSP11B2M1RT Datasheet
201Kb / 4P
   Sub-Miniature Toggle Switches
34BMSP11B3M1RT GRAYHILL-34BMSP11B3M1RT Datasheet
201Kb / 4P
   Sub-Miniature Toggle Switches
34BMSP12B1M1RT GRAYHILL-34BMSP12B1M1RT Datasheet
201Kb / 4P
   Sub-Miniature Toggle Switches
34BMSP12B2M1RT GRAYHILL-34BMSP12B2M1RT Datasheet
201Kb / 4P
   Sub-Miniature Toggle Switches
More results

Similar Description - 34BWSP41B1M7RT

ManufacturerPart #DatasheetDescription
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com