Selected language     English  ▼


7-1393104-3 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 7-1393104-3
Description  KRPA Series Panel Plug-in Relay
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
3
11-2012, Rev. 1112
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
Panel/Plug-in Relays
KRPA Series Panel Plug-in Relay (Continued)
Potter & Brumfield
Product Code
Arrangement
Contact Material
Coil
Option
Part Number
KA-5AG-120
1 form C, 1 CO
AgCdO
120VAC
Open style
7-1393099-1
KA-5AY-120
Ag
7-1393099-3
KA-5DG-6
AgCdO
6VDC
7-1393099-9
KA-5DG-12
12VDC
7-1393099-7
KA-5DG-110
110VDC
7-1393099-6
KA-11AG-120
2 form C, 2 CO
120VAC
3-1393099-6
KA-11AY-6
Ag
6VAC
4-1393099-1
KA-11AY-24
24VAC
4-1393099-0
KA-11AY-120
120VAC
3-1393099-9
KA-11DG-12
AgCdO
12VDC
4-1393099-3
KA-11DG-24
24VDC
4-1393099-5
KA-11DG-110
110VDC
4-1393099-2
KA-14AG-120
3 form C, 3 CO
120VAC
5-1393099-0
KA-14AY-120
Ag
5-1393099-4
KA-14DG-24
AgCdO
24VDC
5-1393099-7
KA-14DG-110
110VDC
5-1393099-5
KRPA-5AG-24
1 form C, 1 CO
24VAC
None
9-1393104-9
KRPA-5AG-120
120VAC
9-1393104-8
KRPA-5DG-6
6VDC
1393105-5
KRPA-5DG-12
12VDC
1393105-3
KRPA-5DG-24
24VDC
1393105-4
KRPA-5DY-12
Ag
12VDC
1393105-6
KRPA-5DY-24
24VDC
1393105-7
KRPA-11AG-6
2 form C, 2 CO
AgCdO
6VAC
2-1393104-8
KRPA-11AG-12
12VAC
2-1393104-4
KRPA-11AG-24
24VAC
1-1393105-2
KRPA-11AG-120
120VAC
2-1393104-5
KRPA-11AG-240
240VAC
2-1393104-7
KRPA-11AN-12
12VAC
Indicator
3-1393104-1
KRPA-11AN-24
24VAC
3-1393104-3
KRPA-11AN-120
120VAC
3-1393104-2
KRPA-11AN-240
240VAC
3-1393104-4
KRPA-11AY-6
Ag
6VAC
None
3-1393104-9
KRPA-11AY-12
12VAC
3-1393104-5
KRPA-11AY-24
24VAC
3-1393104-7
KRPA-11AY-120
120VAC
3-1393104-6
KRPA-11AY-240
240VAC
3-1393104-8
KRPA-11DG-6
AgCdO
6VDC
4-1393104-7
KRPA-11DG-12
12VDC
4-1393104-3
KRPA-11DG-24
24VDC
4-1393104-5
KRPA-11DG-48
48VDC
4-1393104-6
KRPA-11DG-110
110VDC
4-1393104-2
KRPA-11DG-125
125VDC
4-1393104-4
KRPA-11DG-24
24VDC
4-1393104-5
KRPA-11DG-48
48VDC
4-1393104-6
KRPA-11DN-12
12VDC
Indicator
5-1393104-0
KRPA-11DN-24
24VDC
5-1393104-1
KRPA-11DN-110
110VDC
4-1393104-9
KRPA-11DY-12
Ag
12VDC
None
5-1393104-6
KRPA-11DY-24
24VDC
5-1393104-7
KRPA-14AG-12
3 form C, 3 CO
AgCdO
12VAC
6-1393104-4
KRPA-14AG-24
24VAC
6-1393104-7
KRPA-14AG-120
120VAC
6-1393104-5
KRPA-14AG-240
240VAC
6-1393104-8
KRPA-14AN-24
24VAC
Indicator
7-1393104-4
KRPA-14AN-120
120VAC
7-1393104-3
KRPA-14AN-240
240VAC
7-1393104-5
KRPA-14AY-24
Ag
24VAC
None
7-1393104-8
KRPA-14AY-120
120VAC
7-1393104-7
KRPA-14AY-240
240VAC
7-1393104-9
KRPA-14DG-12
AgCdO
12VDC
8-1393104-2
KRPA-14DG-24
24VDC
8-1393104-4
KRPA-14DG-48
48VDC
8-1393104-5
KRPA-14DG-110
110VDC
8-1393104-1
KRPA-14DG-125
125VDC
8-1393104-3
KRPA-14DN-24
24VDC
Indicator
9-1393104-0
KRPA-14DY-24
Ag
None
9-1393104-3




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl