Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47ASP2J2M3RT Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 47ASP2J2M3RT
Description  Miniature Rocker and Paddle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

47ASP2J2M3RT Datasheet(HTML) 1 Page - Grayhill, Inc

  47ASP2J2M3RT Datasheet HTML 1Page - Grayhill, Inc 47ASP2J2M3RT Datasheet HTML 2Page - Grayhill, Inc 47ASP2J2M3RT Datasheet HTML 3Page - Grayhill, Inc 47ASP2J2M3RT Datasheet HTML 4Page - Grayhill, Inc 47ASP2J2M3RT Datasheet HTML 5Page - Grayhill, Inc 47ASP2J2M3RT Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
OPEN
2-3
SP2
SP3
SP4
SP5
SP1
NONE
ON
(ON)
ON
ON
OFF
OFF
OFF
ON
NONE
2-1
(ON)
(ON)
(ON)
ON
ON
TERM. COMM.
OPEN
2-3,5-6
DP2
DP3
DP4
DP5
DP1
NONE
ON
(ON)
ON
ON
OFF
OFF
OFF
ON
NONE
2-1,5-4
(ON)
(ON)
(ON)
ON
ON
TERM. COMM.
SWITCH POSITION
MODEL
NO.
SWITCH POSITION
MODEL
NO.
02COMM.
1
3
05COMM.
4
6
SCHEMATIC
SCHEMATIC
SCHEMATIC
02COMM.
1
3
()=MOMENTARY
()=MOMENTARY
3
2
1
3
2
1
3
2
1
3
2
1
4
5
6
.147
(3.70)
.020
(0.50)
.376
(9.56)
1.156
(29.36)
.937
(23.80)
.275
(6.99)
Ø.094
(Ø2.39)
.155
(3.96)
.185
(4.70)
.030
(0.76)
25˚
.500
(12.70)
.270
(6.86)
.080
(2.03)
Ø.094
(Ø2.39)
25˚
1.156
(29.36)
.937
(23.80)
.190
(4.83)
.080
(2.03)
.450
(11.43)
.500
(12.70)
.275
(6.99)
.185
(4.70)
.030
(0.76)
.147
(3.70)
.020
(0.50)
.376
(9.56)
.155
(3.96)
OPEN
2-3,5-6
3P2
3P3
3P4
3P5
3P1
NONE
ON
(ON)
ON
ON
OFF
OFF
OFF
ON
NONE
2-1,5-4
(ON)
(ON)
(ON)
ON
ON
TERM. COMM.
SWITCH POSITION
MODEL
NO.
02COMM.
1
3
05COMM.
4
6
08COMM.
7
9
()=MOMENTARY
3
2
1
3
2
1
7
8
9
6
5
4
Ø.094
(Ø2.39)
25˚
1.156
(29.36)
.937
(23.80)
.650
(11.43)
.500
(12.70)
.275
(6.99)
.185
(4.70)
.030
(0.76)
.190
(4.83)
.080
(2.03)
.147
(3.70)
.020
(0.50)
.441
(11.21)
.155
(3.96)
SERIES 47A
Miniature Rocker and Paddle
Switches
FEATURES
• Save Space and Weight
• SPDT, DPDT, 3PDT and 4PDT Circuitry
• Choice of Actuators and Terminations
• UL Recoginized
MODELS In inches (and millimeters)
SPDT
DPDT
3PDT
Series 47A: Miniature Rocker and Paddle Switches
Rocker
3


Similar Description - 47ASP2J2M3RT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
300A E-SWITCH-300A Datasheet
745Kb / 6P
   ROCKER AND PADDLE SWITCHES - MINIATURE
300 E-SWITCH-300 Datasheet
1Mb / 9P
   ROCKER AND PADDLE SWITCHES - MINIATURE
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
logo
Grayhill, Inc
47BWSP1J2M6RT GRAYHILL-47BWSP1J2M6RT Datasheet
204Kb / 6P
   Sealed Miniature Rocker and Paddle Switches
logo
GREATECS
RK14 GREATECS-RK14 Datasheet
526Kb / 4P
   Sealed Miniature Rocker & Paddle Switches
logo
Carling Technologies
RA901 CARLINGTECH-RA901 Datasheet
2Mb / 2P
   Single Pole Rocker & Paddle Switches
RG-SERIES CARLINGTECH-RG-SERIES Datasheet
421Kb / 3P
   Single/Double Pole Lighted Rocker & Paddle Switches
logo
Tyco Electronics
A103J1ZQ0 MACOM-A103J1ZQ0 Datasheet
579Kb / 14P
   Rocker/Paddle Switches, A Series, Part Number Matrix
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
   Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com