Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34DWMSP25B4M2QT Datasheet(PDF) 3 Page - Grayhill, Inc

Part # 34DWMSP25B4M2QT
Description  Sealed Sub-Miniature Toggle Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

34DWMSP25B4M2QT Datasheet(HTML) 3 Page - Grayhill, Inc

  34DWMSP25B4M2QT Datasheet HTML 1Page - Grayhill, Inc 34DWMSP25B4M2QT Datasheet HTML 2Page - Grayhill, Inc 34DWMSP25B4M2QT Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
3
2
1
P.C. MOUNTING
6
5
4
.391
(9.94)
.030
(0.76)
.336
(8.53)
.240
(6.10)
.162
(4.11)
.165
(4.19)
.200
(5.08)
.100
(2.54)
.130
(3.30)
.530
(13.46)
.019
(0.48)
.015
(0.38)
.320
(8.13)
.200
(5.08)
Ø.043
(Ø1.09)
.200
(5.08)
Ø.100
(Ø2.52)
Ø.194
(Ø4.91)
.364
(9.25)
.100
(2.54)
.200
(5.08)
P.C. MOUNTING
12
3
P.C. MOUNTING
12
3
.366
(9.30)
.130
(3.30)
.030
(0.76)
.200
(5.08)
.230
(5.84)
.240
(6.10)
.165
(4.20)
.400
(10.16)
.100
(2.54)
.020
(0.51)
.015
(0.38)
EPOXY
SEAL
.400
(10.16)
.100
(2.54)
Ø.043
(Ø1.09)
EPOXY
SEAL
Ø.043
(Ø1.09)
.366
(9.30)
.130
(3.30)
.200
(5.08)
.030
(0.76)
.100
(2.54)
.020
(0.51)
.400
(10.16)
.015
(0.38)
.165
(4.20)
.240
(6.10)
.200
(5.08)
.400
(10.16)
.100
(2.54)
V2
Vertical Bracket P.C. Mount
TERMINATION OPTIONS In inches (and millimeters)
SPECIFICATIONS
RATINGS
Contact Rating: Q option - 3A with resistive
load @ 125VAC or 28 VDC; 1.5A with
resistive load @ 250 VAC. R option-0.4 VA
max @ 20 Vmax (AC or DC)
Electrical Life: 30,000 make-and-break
cycles at full load
Contact Resistance: 20 milliohms max.
initial @ 2-4 VDC, 100 mA
Insulation Resistance: 1,000 megaohms
minimum
Dielectic Strength: 1,500 V RMS @ sea
level
Operating Temperature: -30°C to 85°C
MATERIALS
Case: Diallyl phthalate (DAP) (UL94V-0)
Toggle Handle: Brass, chrome plated
Bushing: Brass, nickel plated
Housing: Stainless steel
Terminal/Switch Support: Brass, electrotin
plated
Contacts & Terminals: Copper alloy, gold
plate over nickel plate or silver plate
Terminal Seal: Epoxy
ORDERING INFORMATION
Available from your local Grayhill Component Distributor. For prices and discounts, contact a local Sales Office, an authorized local
Distributor or Grayhill.
Series 34D: Sealed Sub-Miniature Toggle Switches
DPDT
SPDT
DPDT
M7
34DWMSP12B4M2RT
Series 34B Sealed Sub-Miniature Toggle Switches
Model: SPDT: WMSP1, WMSP2, WMSP3, WMSP4, WMSP5
DPDT: WMDP1, WMDP2, WMDP3, WMDP4, WMDP5
(See model no. for switching positions)
Actuator: 1, 2, 3, 4, 5, 6 (See Actuator options)
RoHS Compliant
Contact: R = Copper alloy, gold plate over nickel plate,
Q = Copper alloy, gold plate over silver plate
Termination Options: M1, M2, M6, M7, V2
(See termination options)
Bushing Option: B4 (See Bushing option)
Toggle
20


Similar Description - 34DWMSP25B4M2QT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com