Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47BWSP2R1M6RT Datasheet(PDF) 4 Page - Grayhill, Inc

Part # 47BWSP2R1M6RT
Description  Sealed Miniature Rocker and Paddle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

47BWSP2R1M6RT Datasheet(HTML) 4 Page - Grayhill, Inc

  47BWSP2R1M6RT Datasheet HTML 1Page - Grayhill, Inc 47BWSP2R1M6RT Datasheet HTML 2Page - Grayhill, Inc 47BWSP2R1M6RT Datasheet HTML 3Page - Grayhill, Inc 47BWSP2R1M6RT Datasheet HTML 4Page - Grayhill, Inc 47BWSP2R1M6RT Datasheet HTML 5Page - Grayhill, Inc 47BWSP2R1M6RT Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
THK. .030 (0.76)
THK. .030 (0.76)
THK. .030 (0.76)
THK. .030 (0.76)
W1
OPTION
CODE
W2
W3
W4
DIM."A"
.750(19.05)
.964(24.48)
.425(10.80)
1.062(26.97)
.078
(1,98)
.080
(2,03)
.047
(1,20)
.144
(3,65)
EPOXY
SEAL
EPOXY
SEAL
.050
(1.26)
.191
(4,84)
EPOXY
SEAL
.191
(4,84)
.062
(1,57)
DIM."A"
.150
(1.91)
.100
(1.27)
1
2
3
4
5
6
1
2
3
.048
(1.22)
.200
(5.08)
(.500)
12.70
.230
(5.84)
.016
(0.41)
.178
(4.52)
.050
(1.27)
.062
(1.57)
.125
(3.18)
PIVOT
EPOXY SEAL
.500
(12.70)
.093
(2.36)
.260
(6.60)
.030
(0.76)
.200
(5.08)
.185
(4.70)
.200
(5.08)
.500
(12.70)
.185
(4.69)
Ø.073
(Ø1.85)
.048
(1.22)
.200
(5.08)
.500
(12.70)
.016
(0.41)
.178
(4.5)
.050
(1.27)
PIVOT
EPOXY SEAL
.500
(12.70)
.030
(0.76)
.200
(5.08)
.185
(4.70)
.200
(5.08)
.500
(12.70)
Ø.073
(Ø1.85)
.125
(3.18)
.150
(3.81)
.108
(2.74)
.450
(11.45)
.185
(4.69)
.150
(3.81)
7
8
9
1
2
3
4
5
6
1
2
3
1
2
3
.048
(.200)
PIVOT
EPOXY SEAL
.500
(12.70)
.030
(0.76)
.200
(5.08)
.185
(4.70)
.200
(5.08)
.565
(12.70)
Ø.073
(Ø1.85)
.108
(2.74)
.650
(16.50)
.565
(14.35)
.178
(4.52)
.016
(0.41)
.050
(1.27)
.125
(3.18)
.185
(4.69)
.150
(3.81)
.050
(1.27)
.243
(6.17)
.048
(1.22)
.500
(12.70)
.150
(3.81)
.030
(0.76)
.100
(2.54) .125
(3.18)
.500
(12.70)
.200
(5.08)
.014
(0.36)
.260
(6.60)
.500
(12.70)
.150
(3.81)
.200
(5.08)
Ø.073
(Ø1.85)
EPOXY SEAL
M6
M7
Right Angle P.C. Mount, Vertical Actuation
TERMINATION OPTIONS In inches (and millimeters)
Series 47B: Sealed Miniature Rocker and Paddle Switches
SPDT
DPDT
3PDT
SPDT
Right Angle P.C. Mount,
Horizontal Actuation
M1
M2
M3
WX
Rocker
12


Similar Part No. - 47BWSP2R1M6RT

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
47B DIOTEC-47B Datasheet
296Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - 47BWSP2R1M6RT

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK14 GREATECS-RK14 Datasheet
526Kb / 4P
   Sealed Miniature Rocker & Paddle Switches
logo
Grayhill, Inc
47ASP1J2M6RT GRAYHILL-47ASP1J2M6RT Datasheet
237Kb / 6P
   Miniature Rocker and Paddle Switches
logo
E-SWITCH
300A E-SWITCH-300A Datasheet
745Kb / 6P
   ROCKER AND PADDLE SWITCHES - MINIATURE
300 E-SWITCH-300 Datasheet
1Mb / 9P
   ROCKER AND PADDLE SWITCHES - MINIATURE
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E105J1ABE2 CK-COMPONENTS-E105J1ABE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E101J1V3BE2 CK-COMPONENTS-E101J1V3BE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com