Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47DWMSP2R2M7QT Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 47DWMSP2R2M7QT
Description  Sealed Sub-Miniature Rocker Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

47DWMSP2R2M7QT Datasheet(HTML) 1 Page - Grayhill, Inc

  47DWMSP2R2M7QT Datasheet HTML 1Page - Grayhill, Inc 47DWMSP2R2M7QT Datasheet HTML 2Page - Grayhill, Inc 47DWMSP2R2M7QT Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
R2
SERIES 47D
Sealed Sub-Miniature Rocker
Switches
FEATURES
• Save Space and Weight
• SPDT and DPDT Circuitry
• Choice of Actuators and
Terminations
• Sealed per IP-67
MODELS In inches (and millimeters)
SPDT
DPDT
ACTUATOR OPTIONS In inches (and millimeters)
R1
Series 47D: Sealed Sub-Miniature Rocker Switches
OPEN
2-3
WMSP2
WMSP3
WMSP4
WMSP5
WMSP1
NONE
ON
(ON)
ON
ON
OFF
OFF
OFF
ON
NONE
2-1
(ON)
(ON)
(ON)
ON
ON
TERM. COMM.
3
2
1
OPEN
2-3,5-6
WMDP2
WMDP3
WMDP4
WMDP5
WMDP1
NONE
ON
(ON)
ON
ON
OFF
OFF
OFF
ON
NONE
2-1,5-4
(ON)
(ON)
(ON)
ON
ON
TERM. COMM.
SWITCH POSITION
MODEL
NO.
SWITCH POSITION
MODEL
NO.
02COMM.
1
3
05COMM.
4
6
SCHEMATIC
SCHEMATIC
02COMM.
1
3
()=MOMENTARY
()=MOMENTARY
3
2
1
1
2
3
4
5
6
6
5
4
.781
(19.84)
.353
(8.96)
.135
(3.42)
.124
(3.14)
.100
(2.54)
.020
(0.51)
.300
(7.62)
.320
(8.13)
.200
(5.08)
.030
(0.76)
EPOXY SEAL
.781
(19.84)
.353
(8.96)
.135
(3.42)
.124
(3.14)
.100
(2.54)
.020
(0.51)
.300
(7.62)
.320
(8.13)
.030
(0.76)
EPOXY SEAL
.360
(9.14)
.200
(5.08)
.579
(14.70)
.250
(6.35)
.311
(7.90)
.476
(12.10)
.181
(4.60)
.299
(7.60)
.579
(14.70)
.250
(6.35)
.311
(7.90)
.476
(12.10)
.228
(7.60)
.157
(4.00)
Rocker
18


Similar Part No. - 47DWMSP2R2M7QT

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
47D-13 YINT-47D-13 Datasheet
836Kb / 8P
   MF72 power direct heat type negative temperature coefficient thermistor
logo
Shanghai Leiditech Elec...
47D-13 LEIDITECH-47D-13 Datasheet
3Mb / 24P
   NTC Specification
47D-13 LEIDITECH-47D-13 Datasheet
2Mb / 24P
   NTC Specification
logo
Shanghai Yint Electroni...
47D-15 YINT-47D-15 Datasheet
836Kb / 8P
   MF72 power direct heat type negative temperature coefficient thermistor
logo
Shanghai Leiditech Elec...
47D-15 LEIDITECH-47D-15 Datasheet
3Mb / 24P
   NTC Specification
More results

Similar Description - 47DWMSP2R2M7QT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
GREATECS
RK16 GREATECS-RK16 Datasheet
328Kb / 2P
   Sealed Sub-Miniature Rocker Switches
RK17 GREATECS-RK17 Datasheet
990Kb / 2P
   Sealed Sub-Miniature SMT Rocker Switches SPDT
RK14 GREATECS-RK14 Datasheet
526Kb / 4P
   Sealed Miniature Rocker & Paddle Switches
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
   Sub-Miniature Rocker Switches
logo
GREATECS
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
   Sub-Miniature Rocker Switches
logo
E-SWITCH
400 E-SWITCH-400 Datasheet
699Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
400A E-SWITCH-400A Datasheet
485Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
logo
CW Industries
GRB244D8SERIES CWIND-GRB244D8SERIES Datasheet
149Kb / 2P
   GRB Series Miniature Sealed Rocker Switches
GRB112A8SERIES CWIND-GRB112A8SERIES Datasheet
150Kb / 2P
   GRB Series Miniature Sealed Rocker Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com