Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

809-SL75.0M-27B Datasheet(PDF) 4 Page - Oscilent Corporation

Part # 809-SL75.0M-27B
Description  75.0MHz IF SAW Filter 25.0 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

809-SL75.0M-27B Datasheet(HTML) 4 Page - Oscilent Corporation

  809-SL75.0M-27B Datasheet HTML 1Page - Oscilent Corporation 809-SL75.0M-27B Datasheet HTML 2Page - Oscilent Corporation 809-SL75.0M-27B Datasheet HTML 3Page - Oscilent Corporation 809-SL75.0M-27B Datasheet HTML 4Page - Oscilent Corporation 809-SL75.0M-27B Datasheet HTML 5Page - Oscilent Corporation 809-SL75.0M-27B Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Oscilent Part Number
809-SL75.0M-27B
January 2011 Rev A
75.0MHz IF SAW Filter 25.0 MHz Bandwidth
Product Specification
P. 3
www.oscilent.com
Frequency Response
Bandwidth at –1.0 dB
Bandwidth at –3.0 dB
Bandwidth at –30.0 dB
Wide-Band


Similar Part No. - 809-SL75.0M-27B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
809-SL75.0M-21C OSCILENT-809-SL75.0M-21C Datasheet
215Kb / 6P
   75.0MHz IF SAW Filter 21.60 MHz Bandwidth
More results

Similar Description - 809-SL75.0M-27B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
809-SL75.0M-21C OSCILENT-809-SL75.0M-21C Datasheet
215Kb / 6P
   75.0MHz IF SAW Filter 21.60 MHz Bandwidth
821-IF75.0M-30B OSCILENT-821-IF75.0M-30B Datasheet
212Kb / 6P
   75.0MHz IF SAW Filter 30.10 MHz Bandwidth
835-IF75.0M-30C OSCILENT-835-IF75.0M-30C Datasheet
215Kb / 6P
   75.0MHz IF SAW Filter 29.1 MHz Bandwidth
813-IF75.0M-11B OSCILENT-813-IF75.0M-11B Datasheet
217Kb / 6P
   75.0MHz IF SAW Filter 11.90MHz Bandwidth
logo
Transko Electronics, In...
TL07526AV TRANSKO-TL07526AV Datasheet
565Kb / 4P
   75.00 MHz IF SAW Filter / 25.0 MHz Bandwidth
Revision 0: 05 Dec. 2007
TA140CD TRANSKO-TA140CD Datasheet
294Kb / 3P
   140.0 MHz IF SAW Filter / 25.0 MHz Bandwidth
Revision 1: 29. Oct. 2007
TL07527BT TRANSKO-TL07527BT Datasheet
666Kb / 4P
   75.00 MHz IF SAW Filter / 25.0 MHz Bandwidth
Revision 0: 23 Jan. 2008
logo
Oscilent Corporation
809-SL75.0M-05B OSCILENT-809-SL75.0M-05B Datasheet
210Kb / 6P
   75.0MHz IF SAW Filter 5.59MHz Bandwidth
813-SL75.0M-05A OSCILENT-813-SL75.0M-05A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 5.30MHz Bandwidth
813-SL75.0M-10A OSCILENT-813-SL75.0M-10A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 10.5MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com