Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

827-IF70.0M-M Datasheet(PDF) 5 Page - Oscilent Corporation

Part # 827-IF70.0M-M
Description  70.0 MHz IF SAW Filter 7.0 MHz Bandwidth
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

827-IF70.0M-M Datasheet(HTML) 5 Page - Oscilent Corporation

  827-IF70.0M-M_14 Datasheet HTML 1Page - Oscilent Corporation 827-IF70.0M-M_14 Datasheet HTML 2Page - Oscilent Corporation 827-IF70.0M-M_14 Datasheet HTML 3Page - Oscilent Corporation 827-IF70.0M-M_14 Datasheet HTML 4Page - Oscilent Corporation 827-IF70.0M-M_14 Datasheet HTML 5Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Oscilent Part Number
827-IF70.0M-M
January 2011 Rev A
70.0 MHz IF SAW Filter 7.0 MHz Bandwidth
Product Specification
P. 4
www.oscilent.com


Similar Part No. - 827-IF70.0M-M_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
827-IF70.0M-M OSCILENT-827-IF70.0M-M Datasheet
145Kb / 2P
   Base Station & Repeater
More results

Similar Description - 827-IF70.0M-M_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
   70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
813-SL70.0M-13A OSCILENT-813-SL70.0M-13A Datasheet
343Kb / 9P
   70.0 MHz IF SAW Filter 13.96 MHz Bandwidth
813-SL70.0M-04 OSCILENT-813-SL70.0M-04_14 Datasheet
128Kb / 4P
   70.0 MHz IF SAW Filter 3.65 MHz Bandwidth
813-IF70.0M-14E OSCILENT-813-IF70.0M-14E Datasheet
220Kb / 6P
   70.0 MHz IF SAW Filter 14.80 MHz Bandwidth
835-IF70.0M-105A OSCILENT-835-IF70.0M-105A Datasheet
105Kb / 4P
   70.0 MHz IF SAW Filter 10.45 MHz Bandwidth
821-IF70.0M-07A OSCILENT-821-IF70.0M-07A Datasheet
184Kb / 6P
   70.0 MHz IF SAW Filter 7.28 MHz Bandwidth
821-IF70.0M-19D OSCILENT-821-IF70.0M-19D Datasheet
213Kb / 6P
   70.0 MHz IF SAW Filter 19.40 MHz Bandwidth
logo
Transko Electronics, In...
TA07019DD1 TRANSKO-TA07019DD1 Datasheet
527Kb / 4P
   70.0 MHz IF SAW Filter / 19.40 MHz Bandwidth
Revision 0: 07 May 2009
TL7009V TRANSKO-TL7009V Datasheet
471Kb / 3P
   70.0 MHz IF SAW Filter / 8.66 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
Oscilent Corporation
821-IF70.0M-07B OSCILENT-821-IF70.0M-07B Datasheet
219Kb / 6P
   70.0 MHz IF SAW Filter 7.62 MHz Bandwidth
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com