Electronic Components Datasheet Search
Selected language     English  ▼


4-1393763-0 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 4-1393763-0
Description  Direct coil control with TTL-signals possible
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
AXICOM
Signal Relays
Reed Relay V23100 -V4 (Continued)
Product Code
Version
Coil
Arrangement
Diode/shield
Part number
V23100-V4005-A000
DIP flat
5VDC
1 form A (NO)
Standard
1393763-1
V23100-V4012-A000
12VDC
1393763-6
V23100-V4015-A000
15VDC
1-1393763-0
V23100-V4024-A000
24VDC
1-1393763-4
V23100-V4005-A010
5VDC
Diode
1393763-4
V23100-V4012-A010
12VDC
1393763-8
V23100-V4015-A010
15VDC
1-1393763-2
V23100-V4024-A010
24VDC
1-1393763-6
V23100-V4305-C000
5VDC
1 form C (CO)
Standard
2-1393763-0
V23100-V4312-C000
12VDC
2-1393763-8
V23100-V4315-C000
15VDC
3-1393763-4
V23100-V4324-C000
24VDC
4-1393763-0
V23100-V4005-A011
5VDC
1 form A (NO)
Diode and shield
1393763-3
V23100-V4012-A011
12VDC
1393763-9
V23100-V4015-A011
15VDC
1-1393763-3
V23100-V4024-A011
24VDC
1-1393763-7
V23100-V4305-B000
DIP high
5VDC
2 form A (NO)
Standard
1-1393763-8
V23100-V4312-B000
12VDC
2-1393763-6
V23100-V4315-B000
15VDC
3-1393763-2
V23100-V4324-B000
24VDC
3-1393763-8
V23100-V4305-B010
5VDC
Diode
1-1393763-9
V23100-V4312-B010
12VDC
2-1393763-7
V23100-V4315-B010
15VDC
3-1393763-3
V23100-V4324-B010
24VDC
3-1393763-9
V23100-V4305-C010
5VDC
1 form C (CO)
2-1393763-2
V23100-V4312-C010
12VDC
3-1393763-0
V23100-V4315-C010
15VDC
3-1393763-6
V23100-V4324-C010
24VDC
4-1393763-2
V23100-V4305-C011
5VDC
Diode and shield
2-1393763-3
V23100-V4312-C011
12VDC
3-1393763-1
V23100-V4315-C011
15VDC
3-1393763-7
V23100-V4324-C011
24VDC
4-1393763-3
V23100-V4505-A000
SIL
5VDC
1 form A (NO)
Standard
4-1393763-4
V23100-V4512-A000
12VDC
4-1393763-7
V23100-V4515-A000
15VDC
4-1393763-9
V23100-V4524-A000
24VDC
5-1393763-1
V23100-V4505-A010
5VDC
Diode
4-1393763-5
V23100-V4512-A010
12VDC
4-1393763-8
V23100-V4515-A010
15VDC
5-1393763-0
V23100-V4524-A010
24VDC
5-1393763-2
V23100-V4605-A000
Mini SIL
5VDC
Standard
1422026-2
V23100-V4612-A000
12VDC
1422026-3
V23100-V4605-A010
5VDC
Diode
1422026-5
V23100-V4612-A010
12VDC
1422026-6




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl