Selected language     English  ▼


4-1393763-0 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 4-1393763-0
Description  Direct coil control with TTL-signals possible
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
AXICOM
Signal Relays
n
Direct coil control with TTL-signals possible
n
Highly reliable switching
n
High switching rates
n
Ultrasonic cleanable
n
High vibration and shock resistance
Typical applications
Incircuit tester, measuring and control systems, telecom equipment, alarm
and security equipment
Approvals
UL File No. 111441
Technical data of approved types on request
Contact Data
form A
form C
Contact arrangement
1 form A (1 NO),
1 form C (CO)
2 form A (2 NO)
Max. switching voltage
at rated coil voltage 5VDC
200VDC/VACpeak
175VDC
at rated coil voltage 12to 24VDC 200VDC/VACpeak
175VDCpeak
Limiting continuous current
1A
1.2A
Switching power
10W, 10VA
3W, 3VA
Contact material
Ruthenium
Contact style
reed contact
Initial contact resistance
<150mΩ
Operate / release time max.
0.75/0.15ms
1.1/1.6ms
Electrical endurance
at 12V/10mA
50x106 operations
at 24V/400mA
5x106 operations
Coil Data
Magnetic system
neutral
Coil voltage range
5 to 24VDC
Max. coil temperature
105°C
Thermal resistance
< 75K/W
Coil versions, monostable
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
1 form A (1 NO) contact
05
5VDC
3.5
0.75
500
50
12
12VDC
8.4
1.80
1000
144
15
15VDC
10.5
2.25
2000
112
24
24VDC
16.8
3.60
2000
288
2 form A (2 NO) or 1 form C (1 CO) contact
05
5VDC
3.5
0.75
200
125
12
12VDC
8.4
1.80
500
288
15
15VDC
10.5
2.25
2000
112
24
24VDC
16.8
3.60
2000
288
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Coil Data (continued)
Coil versions, limiting operate voltage
Coil
DIP flat,
DIP flat
DIP high DIP high DIP high
Mini SIL
code
SIL,
1 form A 1 form C 2 form A 1 form C 1 form A
1 form A with diode
std,diode
diode+
shield
VDC
VDC
VDC
VDC
VDC
VDC
05
22.0
14.0
13.0
14.0
14.5
13.6
12
33.0
25.0
22.0
25.0
23.5
21.6
15
44.0
47.0
44.0
47.0
14.5
-
24
44.0
47.0
44.0
47.0
49.0
-
All figures are given for coil without pre-energization, at ambient temperature +23°C
Coil operative range
Coil operative range graphs
UI
Minimum voltage at 23°C after pre-energizing with rated voltage
without contact current
UII
Maximum continous voltage at 23°C
The operating voltage limits UI and UII depend on the temperature according to
the formula:
UI tamb
KIxUI 23°C and
UII tamb KIlxUIl 23°C
tamb
Ambient temperature
UI tamb
Minimum voltage at ambient temperature, tamb
UII tamb Maximum voltage at ambient temperature, tamb
KI , KII
Factors (dependent on temperature), see diagram
Reed Relay V23100 -V4
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
7 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
Coil Data (values at 23 °C)
Ordering Information
Nominal
voltage
U nom
Operate/set voltage range
Release/
reset voltage
Minimum
Coil
power
Coil
Resistance
Relay
code
Tyco part
number
Minimum
voltage U min
Maximum
voltage U max
Vdc
Vdc
Vdc
Vdc
mW
/ ± 10 %
DIP version high: 2 form a contact, standard
5
3.5
14
0.75
125
200
V23100-V4305-B000
1-1393763-8
12
8.4
25
1.80
288
500
V23100-V4312-B000
2-1393763-6
15
10.5
47
2.25
112
2000
V23100-V4315-B000
3-1393763-2
24
16.8
47
3.60
288
2000
V23100-V4324-B000
3-1393763-8
DIP version high: 2 form a contact, with diode
5
3.5
14
0.75
125
200
V23100-V4305-B010
1-1393763-9
12
8.4
25
1.80
288
500
V23100-V4312-B010
2-1393763-7
15
10.5
47
2.25
112
2000
V23100-V4315-B010
3-1393763-3
24
16.8
47
3.60
288
2000
V23100-V4324-B010
3-1393763-9
DIP version high: 1 form c contact, with diode
5
3.5
14.5
0.75
125
200
V23100-V4305-C010
2-1393763-2
12
8.4
23.5
1.80
288
500
V23100-V4312-C010
3-1393763-0
15
10.5
14.5
2.25
112
2000
V23100-V4315-C010
3-1393763-6
24
16.8
49.0
3.60
288
2000
V23100-V4324-C010
4-1393763-2
DIP version high: 1 form c contact, with diode and electrostatic shield
5
3.5
14.5
0.75
125
200
V23100-V4305-C011
2-1393763-3
12
8.4
23.5
1.80
288
500
V23100-V4312-C011
3-1393763-1
15
10.5
14.5
2.25
112
2000
V23100-V4315-C011
3-1393763-7
24
16.8
49.0
3.60
288
2000
V23100-V4324-C011
4-1393763-3
UI
=
Minimum voltage at 23 °C after
preenergizing with nominal
voltage without contact current
UII
=
Maximum continous voltage at 23 °C
The operating voltage limits UI and UII depend on the
temperature according to the formula:
UI tamb =
KI · UI 23 °C
and
UII tamb =
KIl · UIl 23 °C
tamb
=
Ambient temperature
UI tamb =
Minimum voltage at ambient
temperature, tamb
UII tamb =
Maximum voltage at ambient
temperature, tamb
kI , kII =
Factors (dependent on temperature),
see diagram
Ambient temperature tamb [°C]
Z




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl