Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5393G Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 1N5393G
Description  1.5A GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N5393G Datasheet(HTML) 2 Page - Diodes Incorporated

  1N5393G Datasheet HTML 1Page - Diodes Incorporated 1N5393G Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS30194 Rev. A-2
2 of 2
1N5391G - 1N5399G
0.4
0.8
1.2
0.01
0.1
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2Typical Forward Characteristics
F
10
1.6
2.0
T = 25ºC
PULSE WIDTH = 300µs
2% DUTY CYCLE
j
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single half sine-wave
JEDEC Method
0
20
40
50
30
10
0.01
0.1
1000
10
0
20
40
60
80
100
120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.5 Typical Reverse Characteristics
1.0
100
T = 125°C
j
T = 25°C
j
T = 150°C
j
40
60
80
100
120
140
160 180
0
0.3
0.6
0.9
1.2
1.5
T , AMBIENT TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
A
1.0
10
100
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
T = 25°C
f=1MHz
j


Similar Part No. - 1N5393G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N5393G RECTRON-1N5393G Datasheet
1,000Kb / 5P
   GLASS PASSIVATED RECTIFIER
logo
Shanghai Lunsure Electr...
1N5393G CHENYI-1N5393G Datasheet
177Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Chongqing Pingwei Enter...
1N5393G CHONGQING-1N5393G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Diode Semiconductor Kor...
1N5393G DSK-1N5393G Datasheet
280Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
1N5393G SAMYANG-1N5393G Datasheet
397Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results

Similar Description - 1N5393G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LT1501G DIODES-LT1501G Datasheet
55Kb / 2P
   1.5A GLASS PASSIVATED RECTIFIER
DS29005 Rev. B-3
logo
Zibo Seno Electronic En...
PG5391 ZSELEC-PG5391 Datasheet
132Kb / 2P
   1.5A GLASS PASSIVATED RECTIFIER
PG151 ZSELEC-PG151 Datasheet
132Kb / 2P
   1.5A GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
1N5391G DIODES-1N5391G_1 Datasheet
72Kb / 3P
   1.5A GLASS PASSIVATED RECTIFIER
DS30194 Rev. 3 - 2
W005G DIODES-W005G Datasheet
52Kb / 2P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. F-2
KBP005G DIODES-KBP005G_15 Datasheet
92Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DBF1505 ZSELEC-DBF1505 Datasheet
162Kb / 2P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB152 YFWDIODE-DB152 Datasheet
436Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBP005M WTE-KBP005M Datasheet
35Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
W005G DIODES-W005G_1 Datasheet
355Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. 12 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com