Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBO40-08NO6 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VBO40-08NO6
Description  Standard Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO40-08NO6 Datasheet(HTML) 1 Page - IXYS Corporation

  VBO40-08NO6 Datasheet HTML 1Page - IXYS Corporation VBO40-08NO6 Datasheet HTML 2Page - IXYS Corporation VBO40-08NO6 Datasheet HTML 3Page - IXYS Corporation VBO40-08NO6 Datasheet HTML 4Page - IXYS Corporation VBO40-08NO6 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VBO40-08NO6
1~ Rectifier Bridge
Standard Rectifier
3
2
4
1
Part number
VBO40-08NO6
Backside: isolated
Features / Advantages:
Applications:
Package:
● Planar passivated chips
● Very low leakage current
● Very low forward voltage drop
● Improved thermal behaviour
● Diode for main rectification
● For one phase bridge configurations
● Supplies for DC power equipment
● Input rectifiers for PWM inverter
● Battery DC power supplies
● Field supply for DC motors
SOT-227B (minibloc)
● Industry standard outline
● RoHS compliant
● Epoxy meets UL 94V-0
● Base plate: Copper
internally DCB isolated
● Advanced power cycling
● Isolation Voltage:
V~
3000
RRM
800
I40
FSM
320
DAV
V
=
V
A
A
=
=
I
3~
Rectifier
1~
IXYS reserves the right to change limits, conditions and dimensions.
20130517b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved


Similar Part No. - VBO40-08NO6

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBO40-08NO6 IXYS-VBO40-08NO6 Datasheet
161Kb / 5P
   Standard Rectifier
More results

Similar Description - VBO40-08NO6

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DMA10P1600PZ IXYS-DMA10P1600PZ Datasheet
140Kb / 5P
   Standard Rectifier
DSI30-12AS IXYS-DSI30-12AS Datasheet
140Kb / 5P
   Standard Rectifier
DMA30E1800HA IXYS-DMA30E1800HA Datasheet
314Kb / 5P
   Standard Rectifier
DSP25-12AT IXYS-DSP25-12AT Datasheet
150Kb / 5P
   Standard Rectifier
DSP45-12AZ IXYS-DSP45-12AZ Datasheet
142Kb / 5P
   Standard Rectifier
DMA10IM1200UZ IXYS-DMA10IM1200UZ Datasheet
195Kb / 5P
   Standard Rectifier
DMA30IM1600PZ IXYS-DMA30IM1600PZ Datasheet
141Kb / 5P
   Standard Rectifier
DMA50P1600HB IXYS-DMA50P1600HB Datasheet
355Kb / 5P
   Standard Rectifier
DSI30-16A IXYS-DSI30-16A Datasheet
323Kb / 5P
   Standard Rectifier
DSP45-16AZ IXYS-DSP45-16AZ Datasheet
142Kb / 5P
   Standard Rectifier
DMA50P1200HR IXYS-DMA50P1200HR Datasheet
403Kb / 5P
   Standard Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com