Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBO40-08NO6 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VBO40-08NO6
Description  Standard Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO40-08NO6 Datasheet(HTML) 2 Page - IXYS Corporation

  VBO40-08NO6 Datasheet HTML 1Page - IXYS Corporation VBO40-08NO6 Datasheet HTML 2Page - IXYS Corporation VBO40-08NO6 Datasheet HTML 3Page - IXYS Corporation VBO40-08NO6 Datasheet HTML 4Page - IXYS Corporation VBO40-08NO6 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VBO40-08NO6
V
=
V
A²s
A²s
A²s
A²s
Symbol
Definition
Ratings
typ.
max.
I
R
V
I
A
V
F
1.15
R
1.3 K/W
R
min.
40
VRSM
V
40
T
= 25°C
VJ
T
=
°C
VJ
mA
1.5
V
=
V
R
T
= 25°C
VJ
I =
A
F
V
T =
°C
C
115
P
tot
95
W
T
= 25°C
C
R
K/W
20
800
max. non-repetitive reverse blocking voltage
reverse current
forward voltage drop
total power dissipation
Conditions
Unit
1.33
T
= 25°C
VJ
150
V
F0
V
0.81
T
=
°C
VJ
150
rF
12.1
mΩ
V
1.07
T
=
°C
VJ
I =
A
F
V
20
1.31
I =
A
F
40
I =
A
F
40
threshold voltage
slope resistance
for power loss calculation only
µA
125
VRRM
V
800
max. repetitive reverse blocking voltage
T
= 25°C
VJ
C
J
11
junction capacitance
V =
V;
400
T
= 25°C
f = 1 MHz
R
VJ
pF
I
FSM
t = 10 ms; (50 Hz), sine
T
= 45°C
VJ
max. forward surge current
T
=
°C
VJ
150
I²t
T
= 45°C
value for fusing
T
=
°C
150
V
= 0 V
R
V
= 0 V
R
V
= 0 V
V
= 0 V
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
VJ
R
VJ
R
T
=
°C
VJ
150
320
345
365
360
A
A
A
A
270
295
510
495
800
DAV
d =
rectangular
0.5
bridge output current
thermal resistance junction to case
thJC
thermal resistance case to heatsink
thCH
Rectifier
900
0.10
IXYS reserves the right to change limits, conditions and dimensions.
20130517b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved


Similar Part No. - VBO40-08NO6

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBO40-08NO6 IXYS-VBO40-08NO6 Datasheet
161Kb / 5P
   Standard Rectifier
More results

Similar Description - VBO40-08NO6

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DMA10P1600PZ IXYS-DMA10P1600PZ Datasheet
140Kb / 5P
   Standard Rectifier
DSI30-12AS IXYS-DSI30-12AS Datasheet
140Kb / 5P
   Standard Rectifier
DMA30E1800HA IXYS-DMA30E1800HA Datasheet
314Kb / 5P
   Standard Rectifier
DSP25-12AT IXYS-DSP25-12AT Datasheet
150Kb / 5P
   Standard Rectifier
DSP45-12AZ IXYS-DSP45-12AZ Datasheet
142Kb / 5P
   Standard Rectifier
DMA10IM1200UZ IXYS-DMA10IM1200UZ Datasheet
195Kb / 5P
   Standard Rectifier
DMA30IM1600PZ IXYS-DMA30IM1600PZ Datasheet
141Kb / 5P
   Standard Rectifier
DMA50P1600HB IXYS-DMA50P1600HB Datasheet
355Kb / 5P
   Standard Rectifier
DSI30-16A IXYS-DSI30-16A Datasheet
323Kb / 5P
   Standard Rectifier
DSP45-16AZ IXYS-DSP45-16AZ Datasheet
142Kb / 5P
   Standard Rectifier
DMA50P1200HR IXYS-DMA50P1200HR Datasheet
403Kb / 5P
   Standard Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com