Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE350A Datasheet(PDF) 1 Page - Dc Components

Part # P4KE350A
Description  TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPERESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

P4KE350A Datasheet(HTML) 1 Page - Dc Components

  P4KE350A Datasheet HTML 1Page - Dc Components P4KE350A Datasheet HTML 2Page - Dc Components P4KE350A Datasheet HTML 3Page - Dc Components P4KE350A Datasheet HTML 4Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
93 VG @ 83:V fZq3 _hk ]^ob\^l h_ V-CR.
755V Zg] VG @ ;3: V fZq3 _hk ]^ob\^l h_ V-CR. A 755V3
GFBTURFS
/ HeZll iZllboZm^] cng\mbhg
/ 955 WZmml Q^Zd Qnel^ Qhp^k \ZiZ[bebmr hg
6546555 nl pZo^_hkf
/ Fq\^ee^gm \eZfibg` \ZiZ[bebmr
/ Mhp s^g^k bfi^]Zg\^
/ GZlm k^lihgl^ mbf^
NBXJNUN RBTJOHS BOE FMFDTRJDBM DIBRBDTFRJSTJDS
RZmbg`l Zm 7: hD Zf[b^gm m^fi^kZmnk^ nge^ll hma^kpbl^ li^\b_b^]3
Sbg`e^ iaZl^1 aZe_ pZo^1 ;5 Is1 k^lblmbo^ hk bg]n\mbo^ ehZ]1
Ghk \ZiZ\bmbo^ ehZ]1 ]^kZm^ \nkk^gm [r 75,3
Q9LF;3=
TIRU
Q9LF995DB
EP296
Ebf^glbhgl bg bg\a^l Zg] -fbeebf^m^kl.
EFVJDFS GPR CJQPMBR BQQMJDBTJPOS
Ghk Cb]bk^\mbhgZe nl^ D hk DB ln__bq -^3`3 Q9LF;3=D1 Q9LF995DB.
Fe^\mkb\Ze \aZkZ\m^kblmb\l Ziier bg [hma ]bk^\mbhgl
OPTFS ?
73 Nhngm^] hg Dhii^k M^Z_ Zk^Z h_ 63; X 63;+- 95 X 95ff . i^k Gb`3 :
63 Ohg2k^i^mbmbo^ \nkk^gm inel^1 i^k Gb`38 Zg] ]^kZm^] Z[ho^ TB @7:hD i^k Gb`373
Sm^Z]r SmZm^ Qhp^k EbllbiZmbhg Zm TM @<:hD
M^Z] M^g`mal 38<:u- >3: ff . - Ohm^ 7 .
Q^Zd GhkpZk] Snk`^ Dnkk^gm1 =38fl lbg`e^ aZe_ lbg^2pZo^
lni^kbfihl^] hg kZm^] ehZ]- KFEFD N^mah].-Ohm^8.
NZqbfnf JglmZgmZg^hnl GhkpZk] VhemZ`^ Zm :5B _hk Ugb]bk^\mbhgZe
Pger - Ohm^ 9 .
SYNCPM
JGSN
VG
TK1TSTH
Vheml
2;:mh06<:
5
D
UOJTS
Bfil
Q^Zd Qnel^ Qhp^k EbllbiZmbhg hg 6546555 nl pZo^k_hkf
-Ohm^61GJH36.
Nbgbfnf 955
95
83:4;3:
VBMUF
Pi^kZmbg` Zg] SmhkZ`^ T^fi^kZmnk^ RZg`^
QQQN
WZmml
QN -BV.
WZmml
635
NFDIBOJDBM EBTB
/ DZl^? Nhe]^] ieZlmb\
/ Fihqr? UM >9V25 kZm^ _eZf^ k^mZk]Zgm
/ M^Z]? NJM2STE2757F1 N^mah] 75= `nZkZgm^^]
/ QheZkbmr? Dhehk [Zg] ]^ghm^l ihlbmbo^ ^g] -\Zmah]^.
^q\^im [b]bk^\mbhgZe mri^l
/ Nhngmbg` ihlbmbhg? Bgr
/ W^b`am? 538 `kZf
RFDTJGJFR SQFDJBMJSTS
R
DC COMPONENTS CO., LTD.
83 =38fl lbg`e^ aZe_ lbg^2pZo^ hk ^jnboZe^gm ljnZk^ pZo^1 ]nmr \r\e^ @ 9 inel^l i^k fbgnm^ fZqbfnf3
VPMTBHF RBOHF 2 ;3= mh 995 Vheml
QFBL QUMSF QPWFR 2 955 WZmml
TFDIOJDBM SQFDJGJDBTJPOS PG TRBOSJFOT VPMTBHF SUQQRFSSPR
/20
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - P4KE350A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
P4KE350A SY-P4KE350A Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4KE350A PANJIT-P4KE350A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
SUNMATE electronic Co.,...
P4KE350A SUNMATE-P4KE350A Datasheet
122Kb / 4P
   400W Axial Leaded Transient Voltage Suppressrs
logo
Yea Shin Technology Co....
P4KE350A YEASHIN-P4KE350A Datasheet
983Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
P4KE350A LITTELFUSE-P4KE350A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
More results

Similar Description - P4KE350A

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
5KP110A JINGHENG-5KP110A Datasheet
84Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P4KE6.8 GXELECTRONICS-P4KE6.8 Datasheet
334Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
5KP50 DCCOM-5KP50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
SA50 DCCOM-SA50 Datasheet
792Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
1.5KE6.8 DCCOM-1.5KE6.8 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 DCCOM-P6KE68 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
P4KE440 JINGHENG-P4KE440 Datasheet
88Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMBJ50 DCCOM-SMBJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50 DCCOM-SMCJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
HVM5 DCCOM-HVM5 Datasheet
389Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE ASSEMBLIED RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com