Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78F05T Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 78F05T
Description  Thru-Hole DIP Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

78F05T Datasheet(HTML) 1 Page - Grayhill, Inc

  78F05T Datasheet HTML 1Page - Grayhill, Inc 78F05T Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Thru-Hole DIP Switches
SERIES 78
SPST To 4PST Slide
OPEN
CLOSED
Series
90HBW
90B
76
78
FEATURES
• Raised and Recessed Slides
• SPST, 2PST, 3PST, 4PST
• Sealed Base Standard
• Spring and Ball Contact
• Top Tape Seal Option
2
13 4
O
N
2
13 4
O
N
Single Pole/Single Throw Switch
CIRCUITRY
For switches with 5, 6, 7, 8, or 10PST circuitry,
contact Grayhill.
Typical Multiple
Pole Switch
Typical Circuit
Diagram
1
O
N
1
O
N
No. of
Length
Length
No./
Raised
Recessed
Circuitry Positions
Inches
Metric
Tube
Slides*
Slides*
2
0.280"
7,1mm
35
78B02T
78RB02T
3
0.380"
9,7mm
27
78B03T
78RB03T
4
0.480"
12,2mm
21
78B04T
78RB04T
5
0.580"
14,7mm
18
78B05T
78RB05T
SPST
6
0.680"
17,3mm
15
78B06T
78RB06T
7
0.780"
19,8mm
13
78B07T
78RB07T
8
0.880"
22,4mm
12
78B08T
78RB08T
9
0.980"
24,9mm
10
78B09T
78RB09T
10
1.080"
27,4mm
9
78B10T
78RB10T
12
1.280"
32,5mm
8
78B12T
78RB12T
T
1
0.280"
7,1mm
35
78F01T
2
0.480"
12,2mm
21
78F02T
2PST
3
0.680"
17,3mm
15
78F03T
4
0.880"
22,4mm
12
78F04T
Recessed
5
1.080"
27,4mm
9
78F05T
Slides
6
1.280"
32,5mm
8
78F06T
Not Available
1
0.380"
9,7mm
27
78G01T
3PST
2
0.680"
17,3mm
15
78G02T
3
0.980"
24,9mm
10
78G03T
4PST
1
0.480"
12,2mm
21
78H01T
2
0.880"
22,4mm
12
78H02T
ORDERING INFORMATION
Single Pole/Single Throw Switch in Raised and Recessed Slides
DIMENSIONS In inches (and millimeters)
Note:
Recessed slides have a dimple for
tool actuation. For recessed slides,
the .295 dimension does not apply.
Double Pole/Single Throw and Typical
Multiple Pole Switch with Raised Slides
2
1
O
N
.380 ± .010
(9,65 ± 0,25)
SEE ORDERING
INFORMATION
CL CL
DIM. B
± .002
(± 0,05)
.020 ± .002 (0,51 ± 0,05)
.090 ± .005 (2,29 ± 0,13)
.100 ± .005 (2,5 ± 0,13)
2PST = .100 (2,54
3PST = .200 (5,08)
4PST = .300 (7,62)
=
2
13 45 67 89 10
O
N
.380 ± .010
(9,65 ± 0,25)
SEE ORDERING
INFORMATION
CL CL
.060 ± .002 (1,52 ± 0,05)
.020 ± .002 (0,51 ± 0,05)
.090 ± .005 (2,29 ± 0,13)
.100 ± .005 (2,5 ± 0,13)
CL
CL
.070 (1,78) REF.
A
.295 + .000 –.020
(7,49 –0,51)
.020
± .002
(0,51
± 0,05)
.156 + .015 –.010
(3,96 + 0,38 –0,25) TYP.
A = .245 + .000 –.020
(6,22 + 0,51)
.050 ± .005
(1,27 ± 0,13)
TYP.
.180 ± .010 (4,57 ± 0,25)
.012 ± .001 (0,30 ± 0,03)
.300 + .030 –.000
(7,62 + 0,76)
*A top tape seal is required for switches that are
machine soldered or heavily cleaned after hand
soldering. To order top seal versions, add "S" to
the Grayhill part number.
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
12
34
5
SEE ORDERING
INFORMATION


Similar Part No. - 78F05T

ManufacturerPart #DatasheetDescription
logo
NEC
78F0034B NEC-78F0034B Datasheet
660Kb / 90P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Grayhill, Inc
78F08SRAT GRAYHILL-78F08SRAT Datasheet
482Kb / 1P
   Right Angle Option
More results

Similar Description - 78F05T

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
90B02ST GRAYHILL-90B02ST Datasheet
341Kb / 2P
   Thru-Hole DIP Switches
76SD01T GRAYHILL-76SD01T Datasheet
240Kb / 2P
   Thru-Hole DIP Switches
logo
List of Unclassifed Man...
76ST01 ETC1-76ST01 Datasheet
33Kb / 1P
   Thru-Hole DIP Switches
logo
Grayhill, Inc
76STC04T GRAYHILL-76STC04T Datasheet
140Kb / 2P
   Thru-Hole DIP Switches
79B10T GRAYHILL-79B10T Datasheet
398Kb / 1P
   Thru-Hole DIP Switches
76RSB02ST GRAYHILL-76RSB02ST Datasheet
439Kb / 1P
   Thru-Hole DIP Switches
76SC02 GRAYHILL-76SC02 Datasheet
55Kb / 2P
   Thru-Hole DIP Switches
94RB08CT GRAYHILL-94RB08CT Datasheet
157Kb / 1P
   Thru-Hole DIP Switches
79A10T GRAYHILL-79A10T Datasheet
260Kb / 2P
   Thru-Hole DIP Switches
78M05S GRAYHILL-78M05S Datasheet
13Kb / 1P
   Thru-Hole DIP Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com