Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

49901221 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 49901221
Description  2.54mm Pitch MOX Receptacle Housing, 6 Circuits, Dual Row, Black
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

49901221 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  49901221 Datasheet HTML 1Page - Molex Electronics Ltd. 49901221 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
98786-1011
Status:
Active
Overview:
MOX Products
Description:
2.54mm Pitch MOX Receptacle Housing, 6 Circuits, Dual Row, Black
Documents:
Drawing (PDF)
Packaging Specification PK-98786-001 (PDF)
Application Specification AS-98787-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
98786
Application
Power, Wire-to-Board, Wire-to-Wire
Application Tooling Part Link
63813-8500
Comments
2x3 Circuits, Contact Retention Force without secondary
locking: 40N, with secondary locking: 60N
Overview
MOX Products
Product Name
MOX
UPC
822348730544
Physical
Circuits (maximum)
6
Color - Resin
Natural
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
1.060/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +100°C
Electrical
Current - Maximum per Contact
7.5A
Material Info
Old Part Number
49901221
Reference - Drawing Numbers
Application Specification
AS-98787-001
Packaging Specification
PK-98786-001
Sales Drawing
SD-98786-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
98786Series
Mates With
98780 Male Header, 98787 MOX Plug
Housing
Use With
98658 MOX Crimp Terminal
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extractor Tool for
MOX, 0.63mm
Receptacle Crimp
Terminals
0638138500


Similar Part No. - 49901221

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
49901221 MOLEX11-49901221 Datasheet
145Kb / 2P
   2.54mm (.100") Pitch MOX Receptacle Housing, 6 Circuits, Dual Row, Black
More results

Similar Description - 49901221

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0987861011 MOLEX1-0987861011_18 Datasheet
33Kb / 2P
   2.54mm Pitch MOX Receptacle Housing, 6 Circuits, Dual Row, Black
0982980001 MOLEX1-0982980001_18 Datasheet
35Kb / 1P
   2.54mm Pitch MOX Receptacle Housing, 6 Circuits, Breakable, Dual Row, Black
0987861011 MOLEX11-0987861011 Datasheet
145Kb / 2P
   2.54mm (.100") Pitch MOX Receptacle Housing, 6 Circuits, Dual Row, Black
98298-0001 MOLEX11-98298-0001 Datasheet
42Kb / 1P
   2.54mm Pitch MOX Receptacle Housing, 6 Circuits, Breakable, Dual Row, Black
98786-1019 MOLEX11-98786-1019 Datasheet
40Kb / 2P
   2.54mm Pitch MOX Receptacle Housing, 6 Circuits, Dual Row, Brown
0987861019 MOLEX1-0987861019_18 Datasheet
33Kb / 2P
   2.54mm Pitch MOX Receptacle Housing, 6 Circuits, Dual Row, Brown
98786-1016 MOLEX11-98786-1016 Datasheet
40Kb / 2P
   2.54mm Pitch MOX Receptacle Housing, 6 Circuits, Dual Row, Blue
0982980001 MOLEX11-0982980001 Datasheet
369Kb / 3P
   2.54mm (.100") Pitch MOX Receptacle Housing, 6 Circuits, Breakable, Dual Row, Black
0987861018 MOLEX1-0987861018_18 Datasheet
33Kb / 2P
   2.54mm Pitch MOX Receptacle Housing, 6 Circuits, Dual Row, Gray
0987861016 MOLEX1-0987861016_18 Datasheet
33Kb / 2P
   2.54mm Pitch MOX Receptacle Housing, 6 Circuits, Dual Row, Blue
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com