Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90B02ST Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 90B02ST
Description  Thru-Hole DIP Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

90B02ST Datasheet(HTML) 2 Page - Grayhill, Inc

  90B02ST Datasheet HTML 1Page - Grayhill, Inc 90B02ST Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ratings
76
78
90B
Mechanical Life: Operations per switch position
2,000
2,000
2,000
Make-and-break Current Rating: Operations
per switch position at these resistive loads
1 mA, 5 Vdc; 50 mA, 30 Vdc; or 150 mA, 30 Vdc:
2,000
2,000
10 mA, 30 Vdc; or 10 mA, 50 mVdc:
2,000
10 mA, 50 mVdc; or 25 mA, 24 Vdc; or 100 mA, 6 Vdc:
2,000
Contact Resistance: Initially:
≤ 30 mΩ
≤ 30 mΩ
≤ 20 mΩ
After life, at 10 mA, 50 mVdc, open circuit:
≤ 100 mΩ
≤ 100 mΩ
≤ 100 mΩ
Insulation Resistance:
Minimum, at 100 Vdc between adjacent closed
contacts and also across open switch contacts
Initially (Mohms):
5,000
5,000
5,000
After life (Mohms):
1,000
1,000
1,000
Dielectric Strength: Minimum voltage (AC,
RMS) measured between adjacent closed
contacts and also across open switch contacts.
lnitially:
750 V
750 V
500 V
After life:
500 V
500 V
500 V
Current Carry Rating: Maximum rise of 20°C
5 A
4 A
3 A
Switch Capacitance: At 1 megahertz
2 pF
2 pF
2 pF
Operating Temperature Range:
-40°C to + 85°C
-40°C to + 85°C
-40°C to + 85°C
Storage Temperature Range:
-55°C to + 85°C
-55°C to + 85°C
-55°C to + 85°C
SpeCIFICATIOnS: Standard Styles
Mechanical Ratings
Vibration Resistance: per Method 204, Test
Condition B, 1 mS opening (10 mS allowed)
Mechanical Shock: per Method 213, Test
Condition A. 1 mS opening (10 mS allowed)
Thermal Shock Resistance: per specification;
no failures; passes contact resistance.
Terminal Strength: per specification
Thermal Aging: 1,000 hours at 85°C;no failures.
Environmental Ratings
Meets all requirements of MIL- S-83504.**
Where Grayhill performance is superior, the MIL
spec is listed in parentheses.
Moisture Resistance: per MIL-STD-202,
Method 106.
Soldering Information
Series 90 MIDIp and Series 76 recessed rocker
(76RSB style) sealed switches have been tested
to eIA Standard RS-448-2.Similar performance
can be expected from other sealed Series 76
and 78 DIp switches.
Solderability: per MIL-STD-202, Method 208
Resistance to Soldering Heat: 76RSB:
passes eIA Standard using two, four, and six
second soldering time. 90: per MIL-S-83504,
six second test.
Fluxing: per eIA RS-448-2 with flux touching
switch body.
Cleaning: 76, 78 and 90 series tape sealed
products: passes immersion test using water/
detergent. Acceptable solutions include 1-1-1
trichlorethane, freon, (TF,Te, orTMS), isopropyl
alcohol, detergent (140°F maximum). Terpene
acceptable for Series 90 only.Solutions which are
not recommended include acetone, methylene
chloride, freon TMC.
Materials and Finishes
Shorting Member (Ball): Brass, gold-plated
over nickel barrier.
Base Contacts: Copper alloy, gold-plated
over nickel barrier.
Terminals: Copper alloy, matte tin plated over
nickel barrier.
Non-Conductive Parts: Thermoplastic
(UL94V-O)
Potting Material: epoxy, 76,78 only.
Protective Cover: 76,78, only-polycarbonate.
Tape Seal:
76, 78:
polyester film
90:
polyimide film
Tape Seal Integrity: passes gross leak test
using 125°C flourinert for 20 seconds minimum.
Reference MIL-STD-202, Method 112.
Reflow Soldering
profile:
(260°C
peak Temperature)
Recommended Soldering Conditions:
WAVe SOLDeRInG: 260°C maximum solder temperature for 5 seconds max.
** note: 100% matte tin terminal plating does not meet MIL-S-83504 for lead content.
DIp
14
Thru-Hole DIP Switches
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com


Similar Part No. - 90B02ST

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
90B02PT GRAYHILL-90B02PT Datasheet
255Kb / 1P
   Thru-Hole DIP Switches
More results

Similar Description - 90B02ST

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
76SD01T GRAYHILL-76SD01T Datasheet
240Kb / 2P
   Thru-Hole DIP Switches
logo
List of Unclassifed Man...
76ST01 ETC1-76ST01 Datasheet
33Kb / 1P
   Thru-Hole DIP Switches
logo
Grayhill, Inc
78B02T GRAYHILL-78B02T Datasheet
767Kb / 2P
   Thru-Hole DIP Switches
76STC04T GRAYHILL-76STC04T Datasheet
140Kb / 2P
   Thru-Hole DIP Switches
79B10T GRAYHILL-79B10T Datasheet
398Kb / 1P
   Thru-Hole DIP Switches
76RSB02ST GRAYHILL-76RSB02ST Datasheet
439Kb / 1P
   Thru-Hole DIP Switches
76SC02 GRAYHILL-76SC02 Datasheet
55Kb / 2P
   Thru-Hole DIP Switches
94RB08CT GRAYHILL-94RB08CT Datasheet
157Kb / 1P
   Thru-Hole DIP Switches
79A10T GRAYHILL-79A10T Datasheet
260Kb / 2P
   Thru-Hole DIP Switches
78M05S GRAYHILL-78M05S Datasheet
13Kb / 1P
   Thru-Hole DIP Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com