Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66564-8 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 66564-8
Description  Signal Contacts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

66564-8 Datasheet(HTML) 8 Page - Tyco Electronics

  66564-8 Datasheet HTML 1Page - Tyco Electronics 66564-8 Datasheet HTML 2Page - Tyco Electronics 66564-8 Datasheet HTML 3Page - Tyco Electronics 66564-8 Datasheet HTML 4Page - Tyco Electronics 66564-8 Datasheet HTML 5Page - Tyco Electronics 66564-8 Datasheet HTML 6Page - Tyco Electronics 66564-8 Datasheet HTML 7Page - Tyco Electronics 66564-8 Datasheet HTML 8Page - Tyco Electronics 66564-8 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
16
Catalog 65910
Dimensions are in inches and
Dimensions are shown for
Technical Support
Revised 7-07
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
Central America: 52-55-5-729-0425
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
South America: 55-11-3611-1514
are metric equivalents.
Mexico: 01-800-733-8926
www.tycoelectronics.com
AMP Precision Pin and Socket Contacts
Signal Contacts (Continued)
Without Insulation Support
Pin
Pin
Socket
Socket
Color
Wire
Contact
Contact Part Nos.
Tooling**
Code
Size
Ins. Dia.
Finish
Pin
Socket
Strip Form
Hand
(Loose
Range
Max.
Code
Strip Form
Loose Piece
Strip Form
Loose Piece
Applicator
Tool
Piece)
28-24
AWG
.068
A
205310-2
205311-3
[0.08-0.2
1.73
C
——
††
——
mm2]
24-20
AWG
.068
A
205202-2
205201-3
205201-5
Red
[0.2-0.6
1.73
C
205202-6
205202-7
205201-6
205201-7
††
91548-1
Dot
mm2]
22-18
A
745229-2
745229-4
745230-2
745230-4
AWG
.068
B
1-745229-1
1-745230-1
1-745230-3
Green
[0.4-0.8
1.73
C
745229-5
745229-7
745230-5
745230-7
††
91513-1
Dot
mm2]
D
745230-8
.085
[2.16]
Dia. Max.
.390
[9.91]
.550
[14.0]
.100
[2.54]
Point of
Measurement
.530
[13.46]
.085
[2.16]
Dia. Max.
.0400±.0015
[1.02±0.034]
Dia.
.150
[3.81]
Localized Gold Plate Area
Size 20 DF, Crimp, Snap-In
(Continued)
††For complete information on AMP Strip Form Applicators for fully automatic and semiautomatic machines,
contact Technical Support: 1-800-522-6752.
Note: Wire insulation diameter is limited by the connector housing cavity and clearance for the
insertion/extraction tool.
**There are power options available for these tools/dies. See Battery Powered Crimp tool Kit and SDE Electric
Terminator on page 30.
Note: All part numbers are RoHS compliant except:
Indicates non-RoHS compliant.


Similar Part No. - 66564-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
66569-2 MACOM-66569-2 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
66569-3 MACOM-66569-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
More results

Similar Description - 66564-8

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
G125-1010005 HARWIN-G125-1010005 Datasheet
194Kb / 2P
   G125 SERIES MALE CRIMP SIGNAL CONTACTS
logo
Winchester Electronics ...
RM27W2S-50-ZB WINCHESTER-RM27W2S-50-ZB Datasheet
96Kb / 1P
   27W2S HOUSING WITH SOLDER CUP SIGNAL CONTACTS
logo
Picker Components
PC324S PICKER-PC324S_17 Datasheet
557Kb / 2P
   Subminiature PCB Signal Relay With Bifurcated Contacts
PC324 PICKER-PC324_17 Datasheet
551Kb / 2P
   Subminiature PCB Signal Relay With Bifurcated Contacts
logo
PHOENIX CONTACT
1627760 PHOENIX-1627760 Datasheet
128Kb / 5P
   Silver-plated surface of the power and signal contacts
logo
TE Connectivity Ltd
V23005 TEC-V23005 Datasheet
775Kb / 4P
   Contacts for signal loads and currents up to 5A
logo
PHOENIX CONTACT
1628218 PHOENIX-1628218 Datasheet
228Kb / 8P
   Silver-plated surface of the power and signal contacts
logo
Molex Electronics Ltd.
0459856251 MOLEX6-0459856251 Datasheet
471Kb / 7P
   1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower Header, Right Angle, 6Power Contacts, 28 Signal Contacts
1202300022 MOLEX-1202300022 Datasheet
39Kb / 1P
   Brad M23 Signal Connector, Straight Female, Crimp Contacts, 9 Poles
1202300010 MOLEX-1202300010 Datasheet
39Kb / 1P
   Brad M23 Signal Connector, Straight Female, Solder Contacts, 7 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com