Electronic Components Datasheet Search |
|
947705-009 Datasheet(PDF) 3 Page - Grayhill, Inc |
|
947705-009 Datasheet(HTML) 3 Page - Grayhill, Inc |
3 / 3 page Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com Rotary DIP Switches SpecificationS electrical Ratings Make-and-break current Rating: 30 mA at 30 Vdc for 10,000 cycles of operation. carrying current Rating: 100 mA at 50 Vdc contact Resistance: 50 mohms maximum initially (measured at 10 mA, 50 mVdc). 150 mohms maximum after life. insulation Resistance:(measured at 100 Vdc across open switch contacts) Initial: 5000 Mohms minimum. After Life: 1000 Mohms minimum. Dielectric Strength: (measured across open switch contacts) Initial: 500 Vac RMS minimum. After Life: 250 Vac RMS Mechanical Ratings Mechanical Life: 10,000 cycles of operation. One cycle is a rotation through all positions and a complete return through all positions. Mechanical Shock:1000g's,0.5mS,halfsineper MIL-STD-202F, Method 213, Test Condition E. Vibration Resistance: 10-2000 Hz at 15G or 0.060" double amplitude per MIL-STD-202F, Method 204, Test Condition B. operationaltorque: 2 to 6 inch-ounces initially and 1.2 inch-ounces minimum after life. environmental Ratings operating temperature Range: -40° to +85°C. Storage temperature Range: -40° to +85°C. Moisture Resistance: 240 hours with temperature cycling and polarization. Passes insulation resistance and dielectric strength per MIL-STD-202F, Method 106 following exposure. Materials and finishes Rotor and Switch Body: Plastic (UL94V-O) contact Material: Copper alloy plated. 30 microinches minimum gold over 50 microinches minimum nickel. Shorting Member: Copper alloy plated. 30 microinches minimum gold over 50 microinches minimum nickel. terminals: Copper alloy, matte tin plated over nickel barrier. internal o-ring: Rubber BUNA-N coDe & tRuth taBLeS CODE OUTPUT CODE OUTPUT 8 8 4 1 2 0 1 2 3 4 5 6 7 8 9 A B C D E F 4 1 2 Standard Output Complement Output All switches are continuous rotation. Dot indicates terminal to common connection. Octal and Octal Complement outputs are 0 thru 7 positions. BCD and BCD Complement outputs are 0 thru 9 positions. Hexadecimal and Hexadecimal Complement outputs are 0 thru F positions. Standard codes have natural color rotors. Complements have rotors in a contrasting color. Soldering information Soldering temperature: 260° C maximum. cleaning: Acceptable solutions include 1-1-1 Trichlorenthane, Freon (TF, TE, or TMS), Isopropyl Alcohol and detergent (140°F maximum). Solutions which are not recommended include Acetone, Methylene Chloride, and Freon TMC. |
Similar Part No. - 947705-009 |
|
Similar Description - 947705-009 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |