Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

947705-019 Datasheet(PDF) 3 Page - Grayhill, Inc

Part # 947705-019
Description  Rotary DIP Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

947705-019 Datasheet(HTML) 3 Page - Grayhill, Inc

  947705-019 Datasheet HTML 1Page - Grayhill, Inc 947705-019 Datasheet HTML 2Page - Grayhill, Inc 947705-019 Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Rotary DIP Switches
SpecificationS
electrical Ratings
Make-and-break current Rating: 30 mA at 30
Vdc for 10,000 cycles of operation.
carrying current Rating: 100 mA at 50 Vdc
contact Resistance: 50 mohms maximum
initially (measured at 10 mA, 50 mVdc).
150 mohms maximum after life.
insulation Resistance:(measured at 100 Vdc
across open switch contacts)
Initial: 5000 Mohms minimum. After Life: 1000
Mohms minimum.
Dielectric Strength: (measured across
open switch contacts) Initial: 500 Vac RMS
minimum. After Life: 250 Vac RMS
Mechanical Ratings
Mechanical Life: 10,000 cycles of operation.
One cycle is a rotation through all positions and
a complete return through all positions.
Mechanical Shock:1000g's,0.5mS,halfsineper
MIL-STD-202F, Method 213, Test Condition E.
Vibration Resistance: 10-2000 Hz at 15G or
0.060" double amplitude per MIL-STD-202F,
Method 204, Test Condition B.
operationaltorque: 2 to 6 inch-ounces initially
and 1.2 inch-ounces minimum after life.
environmental Ratings
operating temperature Range:
-40° to +85°C.
Storage temperature Range: -40° to +85°C.
Moisture Resistance: 240 hours with
temperature cycling and polarization. Passes
insulation resistance and dielectric strength
per MIL-STD-202F, Method 106 following
exposure.
Materials and finishes
Rotor and Switch Body: Plastic (UL94V-O)
contact Material: Copper alloy plated.
30 microinches minimum gold over 50
microinches minimum nickel.
Shorting Member: Copper alloy plated.
30 microinches minimum gold over 50
microinches minimum nickel.
terminals: Copper alloy, matte tin plated over
nickel barrier.
internal o-ring: Rubber BUNA-N
coDe & tRuth taBLeS
CODE OUTPUT
CODE OUTPUT
8
8
4
1 2
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
4
1 2
Standard
Output
Complement
Output
All switches are continuous rotation.
Dot indicates terminal to common
connection.
Octal and Octal Complement outputs are
0 thru 7 positions.
BCD and BCD Complement outputs are
0 thru 9 positions.
Hexadecimal and Hexadecimal
Complement outputs are
0 thru F positions.
Standard codes have natural color rotors.
Complements have rotors in a contrasting
color.
Soldering information
Soldering temperature: 260° C maximum.
cleaning: Acceptable solutions include
1-1-1 Trichlorenthane, Freon (TF, TE, or
TMS), Isopropyl Alcohol and detergent
(140°F maximum). Solutions which are not
recommended include Acetone, Methylene
Chloride, and Freon TMC.


Similar Part No. - 947705-019

ManufacturerPart #DatasheetDescription
logo
3M Electronics
94771 3M-94771 Datasheet
328Kb / 8P
   Specialty Bagged Terminals
AUG.19.2004
94772 3M-94772 Datasheet
328Kb / 8P
   Specialty Bagged Terminals
AUG.19.2004
94773 3M-94773 Datasheet
328Kb / 8P
   Specialty Bagged Terminals
AUG.19.2004
94774 3M-94774 Datasheet
328Kb / 8P
   Specialty Bagged Terminals
AUG.19.2004
94775 3M-94775 Datasheet
328Kb / 8P
   Specialty Bagged Terminals
AUG.19.2004
More results

Similar Description - 947705-019

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
   Low-cost Rotary DIP Switches
logo
Copal Electronics
DRS COPAL-DRS Datasheet
802Kb / 4P
   Hyper-Miniature Dip Rotary Switches
logo
C&K Components
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
   Low Profile Rotary DIP Switches
15 Sep 22
logo
ITT Industries
CD08RM0AK ITT-CD08RM0AK Datasheet
248Kb / 4P
   8mm DIP Coded Rotary Switches
logo
C&K Components
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE CK-COMPONENTS-RTE Datasheet
382Kb / 7P
   Low Profile Rotary DIP Switches
CD CK-COMPONENTS-CD_V02 Datasheet
345Kb / 4P
   8mm DIP Coded Rotary Switches
logo
Copal Electronics
SMR COPAL-SMR Datasheet
1Mb / 4P
   Hyper-Miniature Dip Rotary Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com