Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3214J-1-100E Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3214J-1-100E
Description  3214 - 5-Turn Trimpot Trimming Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3214J-1-100E Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3214J-1-100E Datasheet HTML 1Page - Bourns Electronic Solutions 3214J-1-100E Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3214W Top Adjust
5.1
(.200)
1.3
(.050)
2.5
(.100)
2.0
(.079)
2.9
(.114)
3
1
2
3.5
(.139)
3.9
(.155)
2.5
(.100)
2.6
(.102)
1.2
(.047)
1.5
(.060)
4.8
(.190)
0.2
.008
1.0
(.040)
3 PLCS.
0.8
(.032)
5.3
(.208)
0.7
(.028)
1.3
(.050)
2 PLCS.
0.8
(.032)
2 PLCS.
DIA.
1.6
(.061)
3 PLCS.
ADJUSTMENT SLOT
0.6
(.022)
WIDE
X
DEEP
0.5
(.020)
Features
Surface Mount 4 mm Square / Multiturn
Cermet / Industrial / Sealed
Halogen free** with date code 114
Sealed to withstand board wash
processing
Pick and place centering design, with flush
adjustment
4 mm design meets EIA/EIAJ/IPC/VECI
SMD standard trimmer footprint
■ RoHS compliant* - see processing
information on RoHS compliant surface
mount trimmers
■ For trimmer applications/processing
guidelines, click here
3214 - 5-Turn Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
**Bourns follows the prevailing definition of “halogen free” in the industry.
Bourns considers a product to be “halogen free” if (a) the Bromine (Br ) content is 900 ppm or less;
(b) the Chlorine ( Cl ) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine ( Cl ) content is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance
may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
..........................10 ohms to 2 megohms
(see standard resistance table)
Resistance Tolerance ............... ±10 % std.
Absolute Minimum Resistance
..................................... 1 % or 2.0 ohms
(whichever is greater)
Contact Resistance Variation
............................... 3 % or 3 ohms max.
Resolution ..................... Essentially Infinite
Insulation Resistance ................... 500 vdc.
100 megohms min.
Dielectric Strength
Sea Level .................. 600 vac (1 minute)
Adjustment Angle ...................5 turns nom.
Environmental Characteristics
Power Rating (300 volts max.)
85 °C ........................................ 0.25 watt
150 °C ........................................... 0 watt
Temperature Range ....... -65 °C to +150 °C
Temperature Coefficient ....... ±100 ppm/°C
Humidity ........... MIL-STD 202 Method 106
TRS ±2 %; IR 10 megohms
Vibration ..........20 G TRS±1 %; VRS ±1 %
Shock ............100 G TRS ±1 %; VRS±1 %
Load Life
...........@ 85 °C rated power 1,000 hours
TRS 3 ohms or 3 %
(whichever is greater)
Rotational Cycling .....................200 cycles
TRS 3 ohms or 3 %
(whichever is greater)
Thermal Shock ..............................5 cycles
TRS ±2 %; VRS ±1 %
Physical Characteristics
Mechanical Stop ...................... Wiper idles
Torque.................................180 g-cm max.
Weight ................... Approximately 0.01 oz.
Marking..................... Manufacturer’s code,
resistance code and date code
Solderability...................Per MIL-STD-202,
Method 208
Wiper ................... 50 % (Actual TR) ±10 %
Flammability .................................. UL94V0
Pushover Strength
J, G ............................................. 4.4 lbs.
W, X.................................................. 1 lb.
Adjustment Tool.................................. H-91
Product Dimensions
How To Order
3214 J - 1 - 502 E
Model
Style
Standard or Modified
Product Indicator
-1 = IR Reflow (standard)
†-2 = Wave Solderable
-FW5 = .070” ± .010” Shaft Extension
Resistance Code
Embossed Tape Designator
E = Style J, G: 500 pcs./7 ” reel (standard)
Style W: 250 pcs./7 ” reel (standard)
Style X: 200 pcs./7 ” reel (standard)
G = Style J, G: 1500 pcs./13 ” reel (standard)
Style W: 1000 pcs./13 ” reel (standard)
Style X: 850 pcs./13 ” reel (standard)
G = Style J, G: 1500 pcs./13 ” reel (FW5)
Style W, X: 600 pcs./13 ” reel (FW5)
Consult factory for other available options.
† -2 has a treated stainless steel shaft
3214J Side Adjust
3
1
2
2.6
(.102)
4.6
(.180)
5.0
(.195)
3.71
(.146)
0.8
(.032)
1.2
(.047)
2.4
(.095)
2.3
(.090)
4.8
(.190)
0.2
(.007)
ADJUSTMENT SLOT
0.6
(.022)
WIDE
X
DEEP
0.5
(.020)
1.5
(.060)
DIA.
0.9
(.034)
2 PLCS.
1.3
(.050)
1.0
(.039)
0.5
(.020)
1.14
(.045)
0.2
(.007)
2 PLCS.
2.0
(.079)
4.0
(.157)
2.3
(.090)
2.0
(.079)
1.3
(.050)
2 PLCS.
3 PLCS
3214G Side Adjust
1
3
2
2.3
(.090)
4.8
(.190)
ADJUSTMENT SLOT
0.6
(.022)
1.5
(.060)
2.7
(.108)
1.2
(.047)
2.4
(.095)
4.6
(.180)
6.0
(.236)
0.13
(.005)
3.9
(.152)
0.5
(.02)
WIDE
TYP.
X
DEEP
0.5
(.020)
DIA.
5.2
(.205)
1.3
(.050)
2.3
(.090)
2.0
(.079)
1.3
(.050)
3 PLCS.
2 PLCS.
0.9
(.034)
2 PLCS.
1.3
(.050)
0.5
(.020)
0.2
(.007)
3214X Top Adjust
5.3
(.208)
0.2
(.008)
1.0
(.040)
5.1
(.200)
4.8
(.190)
2.5
(.100)
2.5
(.100)
5.1
(.200)
1
2
3.5
(.139)
0.8
(.032)
1.3
(.050)
5.7
(.225)
3.9
(.155)
1.2
(.047)
2 PLCS
3 PLCS.
2.0
(.079)
0.8
(.032)
2 PLCS.
TYP.
1.3
(.050)
2 PLCS.
1.9
(.075)
ADJUSTMENT SLOT
0.6
(.022)
WIDE
X
DEEP
.0.5
(.020)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - 3214J-1-100E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3214J-1-103E BOURNS-3214J-1-103E Datasheet
285Kb / 2P
   3214 - 5-Turn Trimpot Trimming Potentiometer
More results

Similar Description - 3214J-1-100E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3214W-1-103E BOURNS-3214W-1-103E Datasheet
285Kb / 2P
   3214 - 5-Turn Trimpot Trimming Potentiometer
3214X-1-103E BOURNS-3214X-1-103E Datasheet
285Kb / 2P
   3214 - 5-Turn Trimpot Trimming Potentiometer
3214W-1-504E BOURNS-3214W-1-504E Datasheet
285Kb / 2P
   3214 - 5-Turn Trimpot Trimming Potentiometer
3214X-1-102E BOURNS-3214X-1-102E Datasheet
285Kb / 2P
   3214 - 5-Turn Trimpot Trimming Potentiometer
3214J-1-103E BOURNS-3214J-1-103E Datasheet
285Kb / 2P
   3214 - 5-Turn Trimpot Trimming Potentiometer
3214W-1-202E BOURNS-3214W-1-202E Datasheet
675Kb / 2P
   3214 - 5-Turn Trimpot짰 Trimming Potentiometer
3214J-1-203E BOURNS-3214J-1-203E Datasheet
675Kb / 2P
   3214 - 5-Turn Trimpot짰 Trimming Potentiometer
3214J-1-202E BOURNS-3214J-1-202E Datasheet
675Kb / 2P
   3214 - 5-Turn Trimpot짰 Trimming Potentiometer
3006 BOURNS-3006 Datasheet
131Kb / 1P
   Trimpot Trimming Potentiometer
3057 BOURNS-3057 Datasheet
117Kb / 1P
   Trimpot Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com