Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ14A Datasheet(PDF) 3 Page - Dc Components

Part # SMCJ14A
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SMCJ14A Datasheet(HTML) 3 Page - Dc Components

  SMCJ14A Datasheet HTML 1Page - Dc Components SMCJ14A Datasheet HTML 2Page - Dc Components SMCJ14A Datasheet HTML 3Page - Dc Components SMCJ14A Datasheet HTML 4Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
R
DC COMPONENTS CO., LTD.
SMCJ (1500W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
358
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - SMCJ14A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMCJ14A GE-SMCJ14A Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMCJ14A MCC-SMCJ14A Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Vishay Siliconix
SMCJ14A VISHAY-SMCJ14A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
logo
Jinan Jing Heng Electro...
SMCJ14A JINGHENG-SMCJ14A Datasheet
139Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ14A VISHAY-SMCJ14A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
More results

Similar Description - SMCJ14A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMBJ50 DCCOM-SMBJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
5KP50 DCCOM-5KP50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
5KP110A JINGHENG-5KP110A Datasheet
84Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P4KE6.8 GXELECTRONICS-P4KE6.8 Datasheet
334Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SA50 DCCOM-SA50 Datasheet
792Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
1.5KE6.8 DCCOM-1.5KE6.8 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 DCCOM-P6KE68 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
P4KE440 JINGHENG-P4KE440 Datasheet
88Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
P4KE6.8 DCCOM-P4KE6.8 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPERESSOR
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com