Electronic Components Datasheet Search |
|
66331-2 Datasheet(PDF) 4 Page - Tyco Electronics |
|
66331-2 Datasheet(HTML) 4 Page - Tyco Electronics |
4 / 9 page 12 Catalog 65910 Dimensions are in inches and Dimensions are shown for Technical Support Revised 7-07 millimeters unless otherwise reference purposes only. USA: 1-800-522-6752 Central America: 52-55-5-729-0425 specified. Values in brackets Specifications subject to change. Canada: 1-905-475-6222 South America: 55-11-3611-1514 are metric equivalents. Mexico: 01-800-733-8926 www.tycoelectronics.com AMP Precision Pin and Socket Contacts Signal Contacts (Continued) Material Contact Body and Post—Brass Retention Spring—Stainless steel Finish See chart. Pin Pin Socket Socket Type III+, Posted (Replacement Contacts, See Note Below) Contact Size 16—Pin Diameter .062 [1.57] (Test Current, 13 Ampere)‡ Loose Piece Contact No. Termination Post Contact 3 Termination High Post 2 Termination High Post 1 Termination High Post Method Configuration Finish Pin Socket Pin Socket Pin Socket .025 x .025 Sel. Gold/Nickel1 6-66460-4 6-66461-3 6-66460-3 6-66461-2 6-66460-2 5-66461-5 0.64 x 0.64 Bright Tin 6-66460-6 5-66461-9 6-66460-7 5-66461-8 6-66460-5 5-66461-4 .045 x .045 Sel. Gold/Nickel1 1-66471-5 2-66473-0 — — 1-66471-8 1-66473-9 Wrap-Type 1.14 x 1.14 Bright Tin 1-66471-7 1-66473-8 — — 1-66471-6 1-66473-7 .031 x .062 Sel. Gold/Nickel1 1-66470-1 — — — 1-66470-0 — 0.79 x 1.57 TERMI-POINT .031 x .062 Sel. Gold/Nickel1 1-66468-3 1-66459-0 — — — — Clip 0.79 x 1.57 1 Gold flash over .000050 [0.00127] nickel on entire contact, with .000030 [0.00076] gold to a distance of .200 [5.08] from mating end. Gold thickness controlled on socket O.D. Posts plated tin-lead over copper. Extraction Tool Part No. 305183 (Instruction Sheet 408-1216) Insertion Tool Part No. 200893-2 Note: These contacts are used as replacement contacts for all posted connectors. ‡Single contact, free-air test current is not to be construed as contact rating current. Use only for testing. Refer to contact current carrying capability information on page 3. Note: All part numbers are RoHS compliant. .062 [1.58] Dia. Ref. .525 [13.34] .025±.001 [0.64±0.03] Point of Gold Plating Thk. Measurement Body Brass Post Brass Spring Stainless Steel .025 [0.64] .100 [2.54] |
Similar Part No. - 66331-2 |
|
Similar Description - 66331-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |