Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7806J3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # LM7806J3
Description  Three Terminal Positive Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM7806J3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  LM7806J3 Datasheet HTML 1Page - Cystech Electonics Corp. LM7806J3 Datasheet HTML 2Page - Cystech Electonics Corp. LM7806J3 Datasheet HTML 3Page - Cystech Electonics Corp. LM7806J3 Datasheet HTML 4Page - Cystech Electonics Corp. LM7806J3 Datasheet HTML 5Page - Cystech Electonics Corp. LM7806J3 Datasheet HTML 6Page - Cystech Electonics Corp. LM7806J3 Datasheet HTML 7Page - Cystech Electonics Corp. LM7806J3 Datasheet HTML 8Page - Cystech Electonics Corp. LM7806J3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C521J3
Issued Date : 2007.10.23
Revised Date : 2011.12.02
Page No. : 1/13
LM78XXJ3
CYStek Product Specification
Three Terminal Positive Voltage Regulators
LM78XXJ3
TO-252AB
TO-252AA
I
G O
I
G O
Description
The LM78XXJ3 series of fixed voltage monolithic integrated circuit voltage regulators is designed for a wide range
of applications. These applications include
on-card regulation for elimination of noise and distribution
problems associated with single point regulation. Each of these regulators can deliver up to 1A of output
current. The internal current limiting and thermal shutdown features of these regulators make them
essentially immune to overload.
Features:
• 5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 24V output voltage available
• Internal Short-Circuit Current Limiting
• High Power Dissipation Capability
• Internal Thermal Overload Protection
• No External Components Required
• Output Transistor Safe Area Compensation
• RoHS compliant package
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Ratings
Unit
LM7805~LM7818
35
Input Voltage
LM7824
40
V
Output Current
1
A
Operating Junction Temperature Range
-40 ~ +125
Storage Temperature Range
-55 ~ +125
Thermal Resistance, Junction to Ambient (RθJA)
125
/W
Thermal Resistance, Junction to Case (RθJC)
12.5
/W


Similar Part No. - LM7806J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
More results

Similar Description - LM7806J3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
   Three-Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05ACDT MCC-MC78M05ACDT Datasheet
168Kb / 3P
   Three-Terminal Positive Voltage Regulators
MC78M05CDT MCC-MC78M05CDT Datasheet
330Kb / 3P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com