Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

94HCB08JRT Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 94HCB08JRT
Description  Rotary DIP Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

94HCB08JRT Datasheet(HTML) 1 Page - Grayhill, Inc

  94HCB08JRT Datasheet HTML 1Page - Grayhill, Inc 94HCB08JRT Datasheet HTML 2Page - Grayhill, Inc 94HCB08JRT Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Rotary DIP Switches
6
5
4
4 5
8
7
6
9
8
7
6
9
SerieS 94H
Binary Coded
Tolerances are ± .010 inches unless specified otherwise.
DiMeNSiONS in inches (and millimeters)
Surface Mount
Gullwing
Standard Thru-Hole
ACTuATOr STyleS
All actuation types are available in octal (8),
binary coded decimal (10), or hexadecimal
(16) codes; with either standard or
complement output.Standard code outputs
have natural color rotors; complements in
a contrasting color.
Octal–8 position
BCD–10 position
Hex–16 position
exTeNDeD ACTuATOr TypeS
FeATureS
•SealedConstruction;NoTapeSeal
Required
•SurfaceMountorThru-HoleStyle
•TubeorTapeandReelPackaging
•Octal,BCD,andHexadecimal
Code
•In Standard or Complement
•StandardandRightAngleMount
•FlushorExtendedActuators
•Gold-PlatedContacts
•RoHSCompliant
.282
(7,16)
.270 (6,86)
OR
.170 (4,32)
OR
.090 (2,29)
SEE
ORDERING
INFORMATION
.200
(5,08)
1
2
3 4
.140 DIA.
(
∅ 3,56)
.140 DIA.
(
∅ 3,56)
.270 (6,86)
OR
.170 (4,32)
OR
.090 (2,29)
SEE
ORDERING
INFORMATION
Figure 1
"A" style rotor
Figure 3
Figure 2
"F" style rotor
Surface Mount J-lead
4
C
1
2
C
8
3
.190 (4,83)
2 PLACES
PIN #1
.390
(9,91)
.380 (9,65)
.500
(12,7)
.025 (0,64)
.060
(1,52)
TYP.
.100 .005
(2,54 0,13)
TYP.
.020 +.004/-.002
(0,51 + 0,10/0,05)
TERMINALS ARE
.020 +.004/-.002
(0,51 +0,10/0,05)
WIDE BY .012 .002
(0,31 0,05) THICK
.038 DIA. HOLE SIZE
RECOMMENDED
PC board layout
as viewed from the
top of the switch
3
.390
(9,91)
.040 .005
(1,02 0,13)
.100 .005 TYP.
(2,54 0,13)
0.410
(10,41)
0.100
(2,54) Typ.
0.050
(1,27)
0.240
(6,10)
.190 (4,83)
2 PLACES
CORNER
CLOSEST
TO PIN #1
.380 (9,65)
.146 (3,71)
.300 (7,62) TYP.
3
.390
(9,91)
.190 (4,83)
2 PLACES
CORNER
CLOSEST
TO PIN #1
.225 (5,72)
.225 (5,72)
0.315
[8.00]
0.385
[9.78]
0.250
[6.35]
0.280
0.560
0.100 TYP
0.070 TYP
2
C
8
4
C
1
Solder pad layout
as viewed from the
top of the switch
2
C
8
4
C
1
Solder pad layout
as viewed from the
top of the switch


Similar Part No. - 94HCB08JRT

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
94HCB08JRT GRAYHILL-94HCB08JRT Datasheet
1Mb / 2P
   Thru-Hole DIP Switches
More results

Similar Description - 94HCB08JRT

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
   Low-cost Rotary DIP Switches
logo
Copal Electronics
DRS COPAL-DRS Datasheet
802Kb / 4P
   Hyper-Miniature Dip Rotary Switches
logo
C&K Components
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
   Low Profile Rotary DIP Switches
15 Sep 22
logo
ITT Industries
CD08RM0AK ITT-CD08RM0AK Datasheet
248Kb / 4P
   8mm DIP Coded Rotary Switches
logo
C&K Components
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE CK-COMPONENTS-RTE Datasheet
382Kb / 7P
   Low Profile Rotary DIP Switches
CD CK-COMPONENTS-CD_V02 Datasheet
345Kb / 4P
   8mm DIP Coded Rotary Switches
logo
Copal Electronics
SMR COPAL-SMR Datasheet
1Mb / 4P
   Hyper-Miniature Dip Rotary Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com