Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1114-2.5BM3-0-T2-G Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # LM1114-2.5BM3-0-T2-G
Description  Low Dropout CMOS Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1114-2.5BM3-0-T2-G Datasheet(HTML) 6 Page - Cystech Electonics Corp.

Back Button LM1114-2.5BM3-0-T2-G Datasheet HTML 2Page - Cystech Electonics Corp. LM1114-2.5BM3-0-T2-G Datasheet HTML 3Page - Cystech Electonics Corp. LM1114-2.5BM3-0-T2-G Datasheet HTML 4Page - Cystech Electonics Corp. LM1114-2.5BM3-0-T2-G Datasheet HTML 5Page - Cystech Electonics Corp. LM1114-2.5BM3-0-T2-G Datasheet HTML 6Page - Cystech Electonics Corp. LM1114-2.5BM3-0-T2-G Datasheet HTML 7Page - Cystech Electonics Corp. LM1114-2.5BM3-0-T2-G Datasheet HTML 8Page - Cystech Electonics Corp. LM1114-2.5BM3-0-T2-G Datasheet HTML 9Page - Cystech Electonics Corp. LM1114-2.5BM3-0-T2-G Datasheet HTML 10Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C505N3-B
Issued Date : 2003.03.21
Revised Date : 2014.01.03
Page No. : 6/15
LM1114BM3/N3/A3
CYStek Product Specification
Characteristic Curves @CIN=1μF(tantalum), COUT=1μF(tantalum)
LM1114-3.0
Output Voltage vs Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
02468
10
12
Vin, Input Voltage(V)
Iout=1mA
Iout=40mA
Iout=80mA
Input-Output Voltage Differential
0
100
200
300
400
500
600
700
800
900
1000
0
50
100
150
200
250
300
Iout, Output Current (mA)
Supply Current vs Input Voltage
0
0.5
1
1.5
2
2.5
3
3.5
024
68
10
12
Vin, Input Voltage(V)


Similar Part No. - LM1114-2.5BM3-0-T2-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1114-2.5BM3-0-T2-G CYSTEKEC-LM1114-2.5BM3-0-T2-G Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114-2.5BM3-0-T2-G CYSTEKEC-LM1114-2.5BM3-0-T2-G Datasheet
386Kb / 15P
   Low Dropout CMOS Voltage Regulators
More results

Similar Description - LM1114-2.5BM3-0-T2-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1114A3B CYSTEKEC-LM1114A3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
PL5209M3 CYSTEKEC-PL5209M3 Datasheet
157Kb / 3P
   Low Dropout CMOS Voltage Regulators
PL5209L3 CYSTEKEC-PL5209L3 Datasheet
158Kb / 3P
   Low Dropout CMOS Voltage Regulators
LM1114BA3 CYSTEKEC-LM1114BA3 Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114 CYSTEKEC-LM1114 Datasheet
238Kb / 10P
   Low Dropout CMOS Voltage Regulators
LM1114BM3 CYSTEKEC-LM1114BM3 Datasheet
386Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114M3 CYSTEKEC-LM1114M3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114A3 CYSTEKEC-LM1114A3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114M3B CYSTEKEC-LM1114M3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
LM6206N3 CYSTEKEC-LM6206N3 Datasheet
198Kb / 6P
   Low Dropout CMOS Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com