Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117-1.5L3-0-T3-G Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # LM1117-1.5L3-0-T3-G
Description  1A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1117-1.5L3-0-T3-G Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  LM1117-1.5L3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. LM1117-1.5L3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. LM1117-1.5L3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. LM1117-1.5L3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. LM1117-1.5L3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. LM1117-1.5L3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. LM1117-1.5L3-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. LM1117-1.5L3-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C506L3
Issued Date : 2003.03.22
Revised Date :2013.06.19
Page No. : 2/8
LM1117L3 series
CYStek Product Specification
Package Information
1
2
3
Pin
Name
1
ADJ/GND
2
OUTPUT
3
INPUT
SOT-223
Absolute Maximum Ratings
Symbol
Parameter
Maximum
Units
PD
Power Dissipation
850
mW
VIN
Input Voltage
-0.3 ~ +15
V
TOPR
Operating Junction Temperature Range
-40 ~ +125
TSTG
Storage Temperature
-65 ~ +150
TMJ
Maximum Junction Temperature
150
Ordering Information
Device
Output Voltage
Package
Shipping
LM1117-ADJL3-0-T3-G
Adjustable
LM1117-1.5L3-0-T3-G
1.5V
LM1117-1.8L3-0-T3-G
1.8V
LM1117-2.5L3-0-T3-G
2.5V
LM1117-3.3L3-0-T3-G
3.3V
LM1117-5.0L3-0-T3-G
5.0V
SOT-223
(pb-free lead plating and
halogen-free package)
2500 pcs/ tape & reel
Block Diagram


Similar Part No. - LM1117-1.5L3-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1117-1.5 CYSTEKEC-LM1117-1.5 Datasheet
185Kb / 4P
   1A Low Dropout Positive Voltage Regulator
LM1117-1.5 CYSTEKEC-LM1117-1.5 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
LM1117-1.5 CYSTEKEC-LM1117-1.5 Datasheet
464Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-1.5J3 CYSTEKEC-LM1117-1.5J3 Datasheet
383Kb / 7P
   1A Low Dropout Positive Voltage Regulator
LM1117-1.5J3-0-T3-G CYSTEKEC-LM1117-1.5J3-0-T3-G Datasheet
383Kb / 7P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - LM1117-1.5L3-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com