Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1114-3.3BA3-0-TB-G Datasheet(PDF) 10 Page - Cystech Electonics Corp.

Part # LM1114-3.3BA3-0-TB-G
Description  Low Dropout CMOS Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1114-3.3BA3-0-TB-G Datasheet(HTML) 10 Page - Cystech Electonics Corp.

Back Button LM1114-3.3BA3-0-TB-G Datasheet HTML 6Page - Cystech Electonics Corp. LM1114-3.3BA3-0-TB-G Datasheet HTML 7Page - Cystech Electonics Corp. LM1114-3.3BA3-0-TB-G Datasheet HTML 8Page - Cystech Electonics Corp. LM1114-3.3BA3-0-TB-G Datasheet HTML 9Page - Cystech Electonics Corp. LM1114-3.3BA3-0-TB-G Datasheet HTML 10Page - Cystech Electonics Corp. LM1114-3.3BA3-0-TB-G Datasheet HTML 11Page - Cystech Electonics Corp. LM1114-3.3BA3-0-TB-G Datasheet HTML 12Page - Cystech Electonics Corp. LM1114-3.3BA3-0-TB-G Datasheet HTML 13Page - Cystech Electonics Corp. LM1114-3.3BA3-0-TB-G Datasheet HTML 14Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C505A3-B
Issued Date : 2003.03.21
Revised Date : 2014.01.03
Page No. : 10/15
LM1114BM3/N3/A3
CYStek Product Specification
TO-92 Taping Outline
Millimeters
DIM
Item
Min.
Max.
A
Component body height
4.33
4.83
D
Tape Feed Diameter
3.80
4.20
D1
Lead Diameter
0.36
0.53
D2
Component Body Diameter
4.33
4.83
F1,F2
Component Lead Pitch
2.40
2.90
F1,F2
F1-F2
-
±0.3
H
Height Of Seating Plane
15.50
16.50
H1
Feed Hole Location
8.50
9.50
H2
Front To Rear Deflection
-
1
H2A
Deflection Left Or Right
-
1
H3
Component Height
-
27
H4
Feed Hole To Bottom Of Component
-
21
L
Lead Length After Component Removal
-
11
L1
Lead Wire Enclosure
2.50
-
P
Feed Hole Pitch
12.50
12.90
P1
Center Of Seating Plane Location
5.95
6.75
P2
4 Feed Hole Pitch
50.30
51.30
T
Over All Tape Thickness
-
0.55
T1
Total Taped Package Thickness
-
1.42
T2
Carrier Tape Thickness
0.36
0.68
W
Tape Width
17.50
19.00
W1
Adhesive Tape Width
5.00
7.00
-
20 pcs Pitch
253
255
H2A
H2A
H2
H2
D2
A
H
W
W1
H3
H4
H1
L1
L
P2
P
P1
F1F2
D1
D
T2
T
T1


Similar Part No. - LM1114-3.3BA3-0-TB-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1114-3.3BA3-0-TB-G CYSTEKEC-LM1114-3.3BA3-0-TB-G Datasheet
386Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114-3.3BA3-0-TB-G CYSTEKEC-LM1114-3.3BA3-0-TB-G Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
More results

Similar Description - LM1114-3.3BA3-0-TB-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1114A3B CYSTEKEC-LM1114A3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
PL5209M3 CYSTEKEC-PL5209M3 Datasheet
157Kb / 3P
   Low Dropout CMOS Voltage Regulators
PL5209L3 CYSTEKEC-PL5209L3 Datasheet
158Kb / 3P
   Low Dropout CMOS Voltage Regulators
LM1114 CYSTEKEC-LM1114 Datasheet
238Kb / 10P
   Low Dropout CMOS Voltage Regulators
LM1114BM3 CYSTEKEC-LM1114BM3 Datasheet
386Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114BN3 CYSTEKEC-LM1114BN3 Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114M3 CYSTEKEC-LM1114M3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114A3 CYSTEKEC-LM1114A3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114M3B CYSTEKEC-LM1114M3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
LM6206N3 CYSTEKEC-LM6206N3 Datasheet
198Kb / 6P
   Low Dropout CMOS Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com