Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117J3 Datasheet(PDF) 8 Page - Cystech Electonics Corp.

Part # LM1117J3
Description  1A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1117J3 Datasheet(HTML) 8 Page - Cystech Electonics Corp.

  LM1117J3 Datasheet HTML 1Page - Cystech Electonics Corp. LM1117J3 Datasheet HTML 2Page - Cystech Electonics Corp. LM1117J3 Datasheet HTML 3Page - Cystech Electonics Corp. LM1117J3 Datasheet HTML 4Page - Cystech Electonics Corp. LM1117J3 Datasheet HTML 5Page - Cystech Electonics Corp. LM1117J3 Datasheet HTML 6Page - Cystech Electonics Corp. LM1117J3 Datasheet HTML 7Page - Cystech Electonics Corp. LM1117J3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C506J3
Issued Date : 2007.07.10
Revised Date :2011.08.11
Page No. : 8/8
LM1117-XXXJ3
CYStek Product Specification
TO-252AA Dimension
Inches
Millimeters
Marking:
Style: Pin 1.Vin 2.Ground 3.Vout
4.Vin
3-Lead TO-252AA Plastic Surface Mount Package
CYStek Package Code: J3
Device
Name
Date
Code
1117□□□
□□□□
1
2
3
4
1.5V→-15
1.8V→-18
2.5V→-25
3.3V→-33
5.0V→-50
ADJ→
blank
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.087
0.094
2.200
2.400
e
0.086
0.094
2.186
2.386
A1
0.000
0.005
0.000
0.127
e1
0.172
0.188
4.372
4.772
B
0.039
0.048
0.990
1.210
H
0.163 REF
4.140 REF
b
0.026
0.034
0.660
0.860
K
0.190 REF
4.830 REF
b1
0.026
0.034
0.660
0.860
L
0.386
0.409
9.800
10.400
C
0.018
0.023
0.460
0.580
L1
0.114 REF
2.900 REF
C1
0.018
0.023
0.460
0.580
L2
0.055
0.067
1.400
1.700
D
0.256
0.264
6.500
6.700
L3
0.024
0.039
0.600
1.000
D1
0.201
0.215
5.100
5.460
P
0.026 REF
0.650 REF
E
0.236
0.244
6.000
6.200
V
0.211 REF
5.350 REF
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead : Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - LM1117J3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
List of Unclassifed Man...
LM1117 ETC1-LM1117 Datasheet
108Kb / 8P
   1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
logo
HTC Korea TAEJIN Techno...
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
More results

Similar Description - LM1117J3

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com