Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66399-4 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 66399-4
Description  Signal Contacts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

66399-4 Datasheet(HTML) 7 Page - Tyco Electronics

  66399-4 Datasheet HTML 1Page - Tyco Electronics 66399-4 Datasheet HTML 2Page - Tyco Electronics 66399-4 Datasheet HTML 3Page - Tyco Electronics 66399-4 Datasheet HTML 4Page - Tyco Electronics 66399-4 Datasheet HTML 5Page - Tyco Electronics 66399-4 Datasheet HTML 6Page - Tyco Electronics 66399-4 Datasheet HTML 7Page - Tyco Electronics 66399-4 Datasheet HTML 8Page - Tyco Electronics 66399-4 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
15
Catalog 65910
Dimensions are in inches and
Dimensions are shown for
Technical Support
Revised 7-07
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
Central America: 52-55-5-729-0425
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
South America: 55-11-3611-1514
are metric equivalents.
Mexico: 01-800-733-8926
www.tycoelectronics.com
AMP Precision Pin and Socket Contacts
15
Signal Contacts (Continued)
Material
Pin Body—Brass
Socket—Phosphor bronze
Contact Finish
A—Select gold flash over nickel
on entire contact, with additional
.000030 [0.00076] gold on
mating end
B—Duplex plated .000030
[0.00076] gold on mating end, tin
on termination end, with entire con-
tact nickel underplated
C—Gold flash over nickel on entire
contact
D—Duplex plated gold flash on
mating end, tin on termination end,
with entire contact nickel underplated
Insertion/Extraction Tool Part No.
91285-1
Instruction Sheet—408-9404
This tool includes interchangeable tips
to Insert/Extract:
Size 22, 28-22 AWG [0.08-0.03mm2]
Crimp Contacts
Size 20, 28-20 AWG [0.08-0.6mm2]
Crimp and Solder Cup Contacts
Size 20, Posted Contacts
Pin
Socket
Socket
Size 20 DF, Crimp, Snap-In
Contact Size—20
Pin Diameter—.040 [1.02]
*See Product Spec 108-40005
.085
[2.16]
Dia. Max.
.085
[2.16]
Dia. Max.
.390
[9.91]
.370
[9.34]
.555
[14.1]
.575
[14.61]
[.0400±.0015
[1.02±0.034]
Dia.
Localized Gold Plate Area
Localized Gold Plate Area
.150
[3.81]
.055
[1.40]
Min.
Contact Part Nos.
Tooling**
Color
Wire
Ins.
Contact
Pin
Socket
Code
Size
Dia.
Finish
Strip Form
Hand
(Loose
Range
Max.
Code
Strip Form
Loose Piece
Strip Form
Loose Piece
Applicator††
Tool
Piece)
A
66507-3
66507-9
66505-3
66505-9
.040
B
1658540-1
1658540-5
1658538-2
466423-††
Blue
28-24
1.02
C
66507-4
1-66507-0
66505-4
1-66505-0
or 466901-1††
91503-1
Dot
AWG
D
1658540-5
1658540-2
1658538-3
1658538-1
or 1016015-1††
[0.08-0.2
A
66682-2
66682-4
66683-2
66683-4
466758-2††
mm2]
.060
B
5066682-9
1-5066683-0
or 466963-1††
91549-1
Black
1.52
D
5066682-6
5066683-7
or 567804-1††
Dot
26-22
A
745254-2
745254-6
745253-2
745253-6
AWG
.050
B
1658544-2
1658544-1
1658543-2
1658543-1
466968-1††
Yellow
[0.12-0.4
1.27
C
745254-3
745254-7
745253-3
745253-7
or 567036-††
91525-1
Dot
mm2]
D
1658544-3
1658543-3
or 567849-1††
24-20
A
66506-3
66506-9
66504-3
66504-9
466422-††
AWG
.060
B
1658539-1
1658539-3
1658537-3
1658537-4
or 466900-1††
Red
[0.2-0.6
1.52
C
66506-4
1-66506-0
66504-4
1-66504-0
or 567801-1††
91503-1
Dot
mm2]
D
1658539-2
1658539-4
1658537-1
1658537-2
or 1016002-1††
†To use with the 626 Pneumatic Tool System: remove the crimping head from the Straight Action Hand Tool (SAHT)
Assembly, order SAHT Adapter
Part No. (Call Technical Support at 800-522-6752), Adapter Holder Part No. 356304-1
(with ratchet) or 189928-1 (without), and Power Unit Part No. 189721-1 (hand actuated) or 189722-1 (foot actuated).
††For complete information on AMP Strip Form Applicators for fully automatic and semiautomatic machines,
contact Technical Support: 1-800-522-6752.
Note: Commercial PRO-CRIMPER II Maintenance and Repair Hand Tool for Wire Size 28-24 AWG [0.08-0.2mm2]
(Ins. Dia. Max. .040 [1.02]), and Wire Size 24-20 AWG [0.2-0.6mm2] (Ins. Dia. Max. .060 [1.52])—
Part No. 58448-2.
Note: Die Set Part No. 58448-3 can be adapted for use with the 626 Pneumatic Tool System.
**There are power options available for these tools/dies. See Battery Powered Crimp tool Kit and SDE Electric
Terminator on page 30.
Note: All part numbers are RoHS compliant except:
Indicates non-RoHS compliant.
Pin
With Insulation Support


Similar Part No. - 66399-4

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
6639 BOURNS-6639 Datasheet
229Kb / 1P
   Precision Potentiometer
logo
Vishay Siliconix
66393025 VISHAY-66393025 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
logo
Bourns Electronic Solut...
6639S BOURNS-6639S Datasheet
124Kb / 3P
   Precision Potentiometer
6639S-1-102 BOURNS-6639S-1-102 Datasheet
223Kb / 2P
   Precision Potentiometer
6639S-1-103 BOURNS-6639S-1-103 Datasheet
223Kb / 2P
   Precision Potentiometer
More results

Similar Description - 66399-4

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
G125-1010005 HARWIN-G125-1010005 Datasheet
194Kb / 2P
   G125 SERIES MALE CRIMP SIGNAL CONTACTS
logo
Winchester Electronics ...
RM27W2S-50-ZB WINCHESTER-RM27W2S-50-ZB Datasheet
96Kb / 1P
   27W2S HOUSING WITH SOLDER CUP SIGNAL CONTACTS
logo
Picker Components
PC324S PICKER-PC324S_17 Datasheet
557Kb / 2P
   Subminiature PCB Signal Relay With Bifurcated Contacts
PC324 PICKER-PC324_17 Datasheet
551Kb / 2P
   Subminiature PCB Signal Relay With Bifurcated Contacts
logo
PHOENIX CONTACT
1627760 PHOENIX-1627760 Datasheet
128Kb / 5P
   Silver-plated surface of the power and signal contacts
logo
TE Connectivity Ltd
V23005 TEC-V23005 Datasheet
775Kb / 4P
   Contacts for signal loads and currents up to 5A
logo
PHOENIX CONTACT
1628218 PHOENIX-1628218 Datasheet
228Kb / 8P
   Silver-plated surface of the power and signal contacts
logo
Molex Electronics Ltd.
0459856251 MOLEX6-0459856251 Datasheet
471Kb / 7P
   1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower Header, Right Angle, 6Power Contacts, 28 Signal Contacts
1202300022 MOLEX-1202300022 Datasheet
39Kb / 1P
   Brad M23 Signal Connector, Straight Female, Crimp Contacts, 9 Poles
1202300010 MOLEX-1202300010 Datasheet
39Kb / 1P
   Brad M23 Signal Connector, Straight Female, Solder Contacts, 7 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com