Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117-3.3 Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # LM1117-3.3
Description  1A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1117-3.3 Datasheet(HTML) 7 Page - Cystech Electonics Corp.

  LM1117-3.3 Datasheet HTML 1Page - Cystech Electonics Corp. LM1117-3.3 Datasheet HTML 2Page - Cystech Electonics Corp. LM1117-3.3 Datasheet HTML 3Page - Cystech Electonics Corp. LM1117-3.3 Datasheet HTML 4Page - Cystech Electonics Corp. LM1117-3.3 Datasheet HTML 5Page - Cystech Electonics Corp. LM1117-3.3 Datasheet HTML 6Page - Cystech Electonics Corp. LM1117-3.3 Datasheet HTML 7Page - Cystech Electonics Corp. LM1117-3.3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C506J3
Issued Date : 2007.07.10
Revised Date :2011.08.11
Page No. : 7/8
LM1117-XXXJ3
CYStek Product Specification
TO-252AB Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.087
0.094
2.200
2.400
e
*0.091
*2.300
A1
0.000
0.005
0.000
0.127
e1
0.177
0.185
4.500
4.700
B
0.053
0.065
1.350
1.650
H
0.118 REF
3.000 REF
b
0.020
0.028
0.500
0.700
K
0.197 REF
5.000 REF
b1
0.028
0.035
0.700
0.900
L
0.374
0.390
9.500
9.900
C
0.017
0.023
0.430
0.580
L1
0.100
0.114
2.550
2.900
C1
0.017
0.023
0.430
0.580
L2
0.055
0.070
1.400
1.780
D
0.250
0.262
6.350
6.650
L3
0.024
0.035
0.600
0.900
D1
0.205
0.213
5.200
5.400
P
0.028 REF
0.700 REF
E
0.213
0.224
5.400
5.700
V
0.209 REF
5.300 REF
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead : Pure tin plated
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
4
Marking:
Style: Pin 1.Vin 2.Ground 3.Vout
4.Ground
3-Lead TO-252AB Plastic Surface Mount Package
CYStek Package Code: J3
Device
Name
Date
Code
1117□□□
□□□□
1.5V→-15
1.8V→-18
2.5V→-25
3.3V→-33
5.0V→-50
ADJ→blank


Similar Part No. - LM1117-3.3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1117-3.3 CYSTEKEC-LM1117-3.3 Datasheet
185Kb / 4P
   1A Low Dropout Positive Voltage Regulator
LM1117-3.3 CYSTEKEC-LM1117-3.3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
First Components Intern...
LM1117-3.3-220 FCI-LM1117-3.3-220 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
LM1117-3.3-223 FCI-LM1117-3.3-223 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
LM1117-3.3-252 FCI-LM1117-3.3-252 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
More results

Similar Description - LM1117-3.3

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com