Electronic Components Datasheet Search |
|
LM1117-2.5M3-0-T2-G Datasheet(PDF) 8 Page - Cystech Electonics Corp. |
|
LM1117-2.5M3-0-T2-G Datasheet(HTML) 8 Page - Cystech Electonics Corp. |
8 / 8 page CYStech Electronics Corp. Spec. No. : C506M3 Issued Date : 2007.07.10 Revised Date :2013.09.25 Page No. : 8/8 LM1117M3 series CYStek Product Specification SOT-89 Dimension Inches Millimeters Inches Millimeters DIM Min. Max. Min. Max. DIM Min. Max. Min. Max. A 0.1732 0.1811 4.40 4.60 F 0.0591 TYP 1.50 TYP B 0.1551 0.1673 3.94 4.25 G 0.1181 TYP 3.00 TYP C 0.0610 REF 1.55 REF H 3-Lead SOT-89 Plastic Surface Mounted Package CYStek Package Code: M3 E F G C B A I D H 3 2 1 Marking: 1117□□□ □□□□ Style: Pin 1. GND/ADJ 2. VOUT 3. VIN Vout: 1.5V→-15 1.8V→-18 2.5V→-25 3.3V→-33 5.0V→-50 ADJ→ blank Date Code Device Name 0.0551 0.0630 1.40 1.60 D 0.0906 0.1024 2.30 2.60 I 0.0138 0.0173 0.35 0.44 E 0.0126 0.0205 0.32 0.52 Notes: 1.Controlling dimension: millimeters. 2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office. Material: • Lead: Pure tin plated. • Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0 Important Notice: • All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. • CYStek reserves the right to make changes to its products without notice. • CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. • CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. |
Similar Part No. - LM1117-2.5M3-0-T2-G |
|
Similar Description - LM1117-2.5M3-0-T2-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |