Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66101-4 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 66101-4
Description  Signal Contacts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

66101-4 Datasheet(HTML) 6 Page - Tyco Electronics

  66101-4 Datasheet HTML 1Page - Tyco Electronics 66101-4 Datasheet HTML 2Page - Tyco Electronics 66101-4 Datasheet HTML 3Page - Tyco Electronics 66101-4 Datasheet HTML 4Page - Tyco Electronics 66101-4 Datasheet HTML 5Page - Tyco Electronics 66101-4 Datasheet HTML 6Page - Tyco Electronics 66101-4 Datasheet HTML 7Page - Tyco Electronics 66101-4 Datasheet HTML 8Page - Tyco Electronics 66101-4 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
14
Catalog 65910
Dimensions are in inches and
Dimensions are shown for
Technical Support
Revised 7-07
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
Central America: 52-55-5-729-0425
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
South America: 55-11-3611-1514
are metric equivalents.
Mexico: 01-800-733-8926
www.tycoelectronics.com
AMP Precision Pin and Socket Contacts
14
Signal Contacts (Continued)
Contact Size 16—Pin Diameter .062 [1.57] (Test Current, 13 Ampere)‡
Tooling Part No.**
Wire Size
Ins.
Tape Mounted
Loose Piece
Contact
Tape Mounted
Loose Piece
Range
Dia.
Contact No.2
Contact No.
Color
Dies for
Die Set for
Hand
AWG
mm2
Range1
Pin
Socket
Pin
Socket
Code
AMP-TAPETRONIC
626 Pneumatic
Tool
Machine 69875
Tool System
.035-.055
0.89-1.40
201611-4
201611-14
201613-15
Red/Red
91538-1*
.048-.065
——
90230-17
or 601967-1*
28-24 0.08-0.20
1.22-1.65
201334-14
201332-15
Red/Red
90249-2
.095-.110
——
601967-1
*
2.41-2.79
202410-14
202411-15
Green
.040-.062
91538-1*
1.02-1.57
201578-4
201578-14
201580-15
Yellow/Red
or 58541-1*
24-20
0.2-0.6
.055-.088
90249-2
90230-17
or 601967-1*
1.40-2.16
201330-6
201328-9
201330-14
201328-15
Yellow/Red
18
0.9-0.9
No. Ins.
——
91539-1*
(Two)
(Two)
Support
202725-14
202726-14
Blue
90231-27
or 601967-1*
.080-.105
90136-1*
2.03-2.67
202507-14
202508-15
or 601967-1*
18-16
0.8-1.4
200336-6
200333-8
200336-14
200333-14
Blue/Blue
90250-1
90231-27
91539-1*
No Ins.
58541-1*
Support
,6204219-1
5,6
Blue/Blue
or 601967-1*
3
212618-23
212618-13,6,†
Violet/Blue
90250-1
90231-27
91539-1-
No Ins.
201570-2
201568-3
201568-15
58541-1*
14
2
Support
201570-14
Violet/Blue
or 601967-1*
1
Overall insulation crimp diameter, including crimp barrel, must not exceed .125 [3.18].
2
For AMP-TAPETRONIC Machine No. 69875, order contacts by Tape Mounted Contact No., plus packaging code “IM REEL” (5000 parts per reel).
3
Grounding pin is used to provide a make-first/break-last condition when mating and unmating connector halves.
4
Use turret TH502 (1-601967-6) with hand tool 601967-1.
5
Use turret TH501 (1-601967-5) with hand tool 601967-1.
6
Pin length is .630±.005 [16.002±.127] on these two pins.
7
Die Set requires “C” Head Adapter Part No. 318161-1; Adapter Holder Part No. 356304-1 (with ratchet) or 189928-1 (without); and Power Unit
Part No. 189721-2 (hand actuated) or 189722-2 (foot actuated).
*Commercial PRO-CRIMPER II Hand Tool for field repair use only.
Note: Die Set can be adapted for use with the 626 Pneumatic Tool System.
**There are power options available for these tools/dies. See Battery Powered Crimp tool Kit and SDE Electric Terminator on page 30.
†Does not use Hand Tool 91539-1 or 601967-1.
‡Single contact, free-air test current is not to be construed as contact rating current. Use only for testing. Refer to contact current carrying capability informa-
tion on page 8.
Insertion Tool Part No. 200893-2 (for insulation diameters .070 [1.78] or less).
Extraction Tool Part No. 305183.
Note: All part numbers are RoHS compliant.
Type II, Screw Machined,
Crimp
Material
Contact Body—Brass
Retention Spring—Stainless steel
Finish
Contact Body—.000030 [0.00076]
gold over .000050 [0.00127]
nickel. Gold thickness controlled
on socket O.D.
Retention Spring—Stainless steel
Related Product Data
Application Tooling—Pages 75-78
Pin
Pin
Socket
Socket
.795±.010
[20.19±0.25]
.472±.005
[11.99±0.13]
.062±.001
[1.57±0.03]
Dia.
Spring
Spring
Socket Body
Pin Body
.107
Max. Dia.
[2.72]
1.087±.010
[27.61±0.25]


Similar Part No. - 66101-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
66101 ETC2-66101 Datasheet
40Kb / 2P
   STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
logo
Keysight Technologies
66101A KEYSIGHT-66101A Datasheet
203Kb / 8P
   66000A 1200 W DC Modular Power System,GPIB
66101A-J03 KEYSIGHT-66101A-J03 Datasheet
203Kb / 8P
   66000A 1200 W DC Modular Power System,GPIB
66101A-J05 KEYSIGHT-66101A-J05 Datasheet
203Kb / 8P
   Modular Power System,GPIB
More results

Similar Description - 66101-4

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
G125-1010005 HARWIN-G125-1010005 Datasheet
194Kb / 2P
   G125 SERIES MALE CRIMP SIGNAL CONTACTS
logo
Winchester Electronics ...
RM27W2S-50-ZB WINCHESTER-RM27W2S-50-ZB Datasheet
96Kb / 1P
   27W2S HOUSING WITH SOLDER CUP SIGNAL CONTACTS
logo
Picker Components
PC324S PICKER-PC324S_17 Datasheet
557Kb / 2P
   Subminiature PCB Signal Relay With Bifurcated Contacts
PC324 PICKER-PC324_17 Datasheet
551Kb / 2P
   Subminiature PCB Signal Relay With Bifurcated Contacts
logo
PHOENIX CONTACT
1627760 PHOENIX-1627760 Datasheet
128Kb / 5P
   Silver-plated surface of the power and signal contacts
logo
TE Connectivity Ltd
V23005 TEC-V23005 Datasheet
775Kb / 4P
   Contacts for signal loads and currents up to 5A
logo
PHOENIX CONTACT
1628218 PHOENIX-1628218 Datasheet
228Kb / 8P
   Silver-plated surface of the power and signal contacts
logo
Molex Electronics Ltd.
0459856251 MOLEX6-0459856251 Datasheet
471Kb / 7P
   1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower Header, Right Angle, 6Power Contacts, 28 Signal Contacts
1202300022 MOLEX-1202300022 Datasheet
39Kb / 1P
   Brad M23 Signal Connector, Straight Female, Crimp Contacts, 9 Poles
1202300010 MOLEX-1202300010 Datasheet
39Kb / 1P
   Brad M23 Signal Connector, Straight Female, Solder Contacts, 7 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com