Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117-3.3M3-0-T2-G Datasheet(PDF) 8 Page - Cystech Electonics Corp.

Part # LM1117-3.3M3-0-T2-G
Description  1A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1117-3.3M3-0-T2-G Datasheet(HTML) 8 Page - Cystech Electonics Corp.

  LM1117-3.3M3-0-T2-G Datasheet HTML 1Page - Cystech Electonics Corp. LM1117-3.3M3-0-T2-G Datasheet HTML 2Page - Cystech Electonics Corp. LM1117-3.3M3-0-T2-G Datasheet HTML 3Page - Cystech Electonics Corp. LM1117-3.3M3-0-T2-G Datasheet HTML 4Page - Cystech Electonics Corp. LM1117-3.3M3-0-T2-G Datasheet HTML 5Page - Cystech Electonics Corp. LM1117-3.3M3-0-T2-G Datasheet HTML 6Page - Cystech Electonics Corp. LM1117-3.3M3-0-T2-G Datasheet HTML 7Page - Cystech Electonics Corp. LM1117-3.3M3-0-T2-G Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C506M3
Issued Date : 2007.07.10
Revised Date :2013.09.25
Page No. : 8/8
LM1117M3 series
CYStek Product Specification
SOT-89 Dimension
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1732
0.1811
4.40
4.60
F
0.0591 TYP
1.50 TYP
B
0.1551
0.1673
3.94
4.25
G
0.1181 TYP
3.00 TYP
C
0.0610 REF
1.55 REF
H
3-Lead SOT-89 Plastic
Surface Mounted Package
CYStek Package Code: M3
E
F
G
C
B
A
I
D
H
3
2
1
Marking:
1117□□□
□□□□
Style: Pin 1. GND/ADJ 2. VOUT 3. VIN
Vout:
1.5V→-15
1.8V→-18
2.5V→-25
3.3V→-33
5.0V→-50
ADJ→
blank
Date
Code
Device
Name
0.0551
0.0630
1.40
1.60
D
0.0906
0.1024
2.30
2.60
I
0.0138
0.0173
0.35
0.44
E
0.0126
0.0205
0.32
0.52
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - LM1117-3.3M3-0-T2-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1117-3.3M3 CYSTEKEC-LM1117-3.3M3 Datasheet
372Kb / 7P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - LM1117-3.3M3-0-T2-G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com