Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117-5.0M3-0-T2-G Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # LM1117-5.0M3-0-T2-G
Description  1A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1117-5.0M3-0-T2-G Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  LM1117-5.0M3-0-T2-G Datasheet HTML 1Page - Cystech Electonics Corp. LM1117-5.0M3-0-T2-G Datasheet HTML 2Page - Cystech Electonics Corp. LM1117-5.0M3-0-T2-G Datasheet HTML 3Page - Cystech Electonics Corp. LM1117-5.0M3-0-T2-G Datasheet HTML 4Page - Cystech Electonics Corp. LM1117-5.0M3-0-T2-G Datasheet HTML 5Page - Cystech Electonics Corp. LM1117-5.0M3-0-T2-G Datasheet HTML 6Page - Cystech Electonics Corp. LM1117-5.0M3-0-T2-G Datasheet HTML 7Page - Cystech Electonics Corp. LM1117-5.0M3-0-T2-G Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C506M3
Issued Date : 2007.07.10
Revised Date :2013.09.25
Page No. : 1/8
LM1117M3 series
CYStek Product Specification
1A Low Dropout Positive Voltage Regulator
LM1117M3 series
Features
Description
Adjustable or Fixed Output
The LM1117 series of positive adjustable and fixed
Output Current of 1A
regulators are designed to provide 1A with high
Low Dropout, 1.4V max at 1A Output Current efficiency. All internal circuitry is designed to
Good Noise Rejection
operate down to 1.4V input to output differential.
Output Current Limiting
The product is specifically designed to provide well-
Built-in
Thermal Shutdown
regulated supply for low-voltage IC application such
Fast Transient Response
as high-speed bus termination and low current 3.3V
Can operate using MLCCs in the capacitance
logic supply, and other applications such as VGA cards.
range of 2μF to 10μF
Applications
High Efficiency Linear Regulators
Post Regulators for Switching Supplies
Adjustable Power Supply
Ordering Information
Device
Output Voltage
Package
Shipping
LM1117-ADJM3-0-T2-G
Adjustable
LM1117-1.5M3 -0-T2-G
1.5V
LM1117-1.8M3 -0-T2-G
1.8V
LM1117-2.5M3 -0-T2-G
2.5V
LM1117-3.3M3 -0-T2-G
3.3V
LM1117-5.0M3 -0-T2-G
5.0V
SOT-89
(Pb-free lead plating and
halogen-free package)
1000 pcs / Tape & Reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T2 : 1000 pcs / tape & reel, 7” reel
Product rank, zero for no rank products
Product name


Similar Part No. - LM1117-5.0M3-0-T2-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1117-5.0M3 CYSTEKEC-LM1117-5.0M3 Datasheet
372Kb / 7P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - LM1117-5.0M3-0-T2-G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com