Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1772-2310 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # F1772-2310
Description  Interference Suppression Film Capacitors MKT Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1772-2310 Datasheet(HTML) 1 Page - Vishay Siliconix

  F1772-2310 Datasheet HTML 1Page - Vishay Siliconix F1772-2310 Datasheet HTML 2Page - Vishay Siliconix F1772-2310 Datasheet HTML 3Page - Vishay Siliconix F1772-2310 Datasheet HTML 4Page - Vishay Siliconix F1772-2310 Datasheet HTML 5Page - Vishay Siliconix F1772-2310 Datasheet HTML 6Page - Vishay Siliconix F1772-2310 Datasheet HTML 7Page - Vishay Siliconix F1772-2310 Datasheet HTML 8Page - Vishay Siliconix F1772-2310 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Document Number: 28161
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 13-Jan-12
343
Interference Suppression Film Capacitors
MKT Radial Potted Type
F1772-2 310 V-X2
Vishay BCcomponents
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dimensions in mm
APPLICATIONS
High stability grade for continuous across the line X2
applications.
See also “Application Note”:
www.vishay.com/doc?28153
REFERENCE STANDARDS
IEC 60384-14 ed-3 and EN 60384-14
“IEC 60065 pass. flamm. class C”
UL 1283
UL 1414
CSA-E384-14
MARKING
C-value; tolerance; rated voltage; sub-class; manufacturer’s
type; code for dielectric material; manufacturer location;
manufacturer’s logo; year and week; safety approvals
DIELECTRIC
Polyester film
ELECTRODES
Metallized
CONSTRUCTION
Series construction
RATED VOLTAGE
AC 310 V; 50 Hz to 60 Hz
FEATURES
• 15 mm to 37.5 mm lead pitch
• AEC-Q200 qualified for C
 470 nF
• Supplied loose in box, taped on reel
• Compliant to RoHS Directive 2002/95/EC
PERMISSIBLE DC VOLTAGE
DC 800 VDC at 85 °C
DC 630 VDC at 110 °C
ENCAPSULATION
Plastic case, epoxy resin sealed, flame retardant UL-class
94 V-0
CLIMATIC TESTING CLASS ACC. TO
IEC 60068-1
40/110/56/C
CAPACITANCE RANGE (E12 SERIES)
E12 series 0.01 µF to 2.2 µF
Preferred values acc. to E6
CAPACITANCE TOLERANCE
± 10 %, ± 20 % (± 5 % on request)
LEADS
Tinned wire
MAXIMUM APPLICATION TEMPERATURE
110 °C
DETAIL SPECIFICATION
For more detailed data and test requirements contact:
RFI@vishay.com
Pitch
P ± 0.4
h
l
t
l
Ø d
t
w


Similar Part No. - F1772-2310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1772-2000 VISHAY-F1772-2000 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-2000 VISHAY-F1772-2000 Datasheet
68Kb / 2P
   AC-Capacitors, Suppression Capacitors
Revision 17-Sep-02
F1772-2000 VISHAY-F1772-2000_08 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-2200 VISHAY-F1772-2200 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
More results

Similar Description - F1772-2310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
F17103101900 VISHAY-F17103101900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
F17724152030 VISHAY-F17724152030 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17725102000 VISHAY-F17725102000 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17102221900 VISHAY-F17102221900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com