Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

95CW06E3GWT Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 95CW06E3GWT
Description  6mm Square, Washable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

95CW06E3GWT Datasheet(HTML) 2 Page - Grayhill, Inc

  95CW06E3GWT Datasheet HTML 1Page - Grayhill, Inc 95CW06E3GWT Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Washable Tactile Switches
available from your local Grayhill Component Distributor. *Insert“R”before“T”fortapeandreelpackaging.
Forpricesanddiscounts,contactalocalSalesOffice,anauthorizedlocaldistributor,orGrayhill.
oRDERInG InFoRMatIon: Washable Switches
thru-Hole
part number
Height (“H”) in (mm) Force (Grams)
actuator Color
Electrical life (Cycles)
tube packaging
95CW06a1t
.091(2,3)
160
Silver
100,000
75PCS/Tube
95CW06B1t
.122(3,1)
160
Brown
100,000
75PCS/Tube
95CW06C2t
.138(3,5)
180
Brown
500,000
75PCS/Tube
95CW06C3t
.138(3,5)
260
Red
500,000
75PCS/Tube
95CW06C5t
.138(3,5)
360
Clear
500,000
75PCS/Tube
95CW06D2t
.150(3,8)
180
Brown
500,000
75PCS/Tube
95CW06D3t
.150(3,8)
260
Red
500,000
75PCS/Tube
95CW06D4t
.150(3,8)
520
Yellow
50,000
75PCS/Tube
95CW06D5t
.150(3,8)
360
Clear
500,000
75PCS/Tube
95CW06E2t
.205(5,2)
180
Brown
500,000
77PCS/Tube
95CW06E3t
.205(5,2)
260
Red
500,000
77PCS/Tube
95CW06E4t
.205(5,2)
520
Yellow
50,000
77PCS/Tube
95CW06E5t
.205(5,2)
360
Clear
500,000
77PCS/Tube
part number
Height in (“H”) (mm) Force (Grams)
actuator Color
Electrical life (Cycles)
tape & Reel packaging
95CW06a3RaRt
.031(0,79)
260
Red
500,0000
700PCS/Reel
95CW06B3RaRt
.039(0,99)
260
Red
500,0000
700PCS/Reel
95CW06C3RaRt
.091(2,31)
260
Red
500,0000
700PCS/Reel
Right angle
Gull Wing
part
Height (“H”)
Force
actuator
Electrical
tube
tape & Reel
number
in (mm)
(Grams)
Color
life (Cycles)
packaging
packaging
95CW06a1GWt .091(2,29)
160
Silver
100,000
75PCS/Tube
2000PCS/Reel
95CW06B1GWt
.122(3,10)
160
Brown
100,000
75PCS/Tube
2000PCS/Reel
95CW06C2GWt
.138(3,51)
180
Brown
500,000
75PCS/Tube
1900PCS/Reel
95CW06C3GWt
.138(3,51)
260
Red
500,000
75PCS/Tube
1900PCS/Reel
95CW06C5GWt
.138(3,51)
360
Clear
500,000
75PCS/Tube
1900PCS/Reel
95CW06D2GWt
.150(3,81)
180
Brown
500,000
75PCS/Tube
1900PCS/Reel
95CW06D3GWt
.150(3,81)
260
Red
500,000
75PCS/Tube
1900PCS/Reel
95CW06D4GWt
.150(3,81)
520
Yellow
50,000
75PCS/Tube
1900PCS/Reel
95CW06D5GWt
.150(3,81)
360
Clear
500,000
75PCS/Tube
1900PCS/Reel
95CW06E2GWt
.205(5,21)
180
Brown
500,000
75PCS/Tube
900PCS/Reel
95CW06E3GWt
.205(5,21)
260
Red
500,000
75PCS/Tube
900PCS/Reel
95CW06E4GWt
.205(5,21)
520
Yellow
50,000
75PCS/Tube
900PCS/Reel
95CW06E5GWt
.205(5,21)
360
Clear
500,000
75PCS/Tube
900PCS/Reel
part
Height (“H”)
Force
actuator
Electrical
tube
tape & Reel
number
in (mm)
(Grams)
Color
life (Cycles)
packaging
packaging
95CW06a1Jt
.091(2,29)
160
Silver
100,000
75PCS/Tube
2000PCS/Reel
95CW06B1Jt
.122(3,10)
160
Brown
100,000
75PCS/Tube
1900PCS/Reel
95CW06C2Jt
.138(3,51)
180
Brown
500,000
75PCS/Tube
1800PCS/Reel
95CW06C3Jt
.138(3,51)
260
Red
500,000
75PCS/Tube
1800PCS/Reel
95CW06C5Jt
.138(3,51)
360
Clear
500,000
75PCS/Tube
1800PCS/Reel
95CW06D2Jt
.150(3,81)
180
Brown
500,000
75PCS/Tube
1800PCS/Reel
95CW06D3Jt
.150(3,81)
260
Red
500,000
75PCS/Tube
1800PCS/Reel
95CW06D4Jt
.150(3,81)
520
Yellow
50,000
75PCS/Tube
1800PCS/Reel
95CW06D5Jt
.150(3,81)
360
Clear
500,000
75PCS/Tube
1800PCS/Reel
95CW06E2Jt
.205(5,21)
180
Brown
500,000
75PCS/Tube
900PCS/Reel
95CW06E3Jt
.205(5,21)
260
Red
500,000
75PCS/Tube
900PCS/Reel
95CW06E4Jt
.205(5,21)
520
Yellow
50,000
75PCS/Tube
900PCS/Reel
95CW06E5Jt
.205(5,21)
360
Clear
500,000
75PCS/Tube
900PCS/Reel
J-lead
*
*
TACT
11
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com


Similar Part No. - 95CW06E3GWT

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
95C04A3GWRT GRAYHILL-95C04A3GWRT Datasheet
94Kb / 1P
   Non-Washable Tactile Switches
95C05B2GWRTRT GRAYHILL-95C05B2GWRTRT Datasheet
228Kb / 1P
   Excellent Tactile Feedback
95C05B3GWRTRT GRAYHILL-95C05B3GWRTRT Datasheet
228Kb / 1P
   Excellent Tactile Feedback
95C05B4GWRTRT GRAYHILL-95C05B4GWRTRT Datasheet
228Kb / 1P
   Excellent Tactile Feedback
95C06A2GWRT GRAYHILL-95C06A2GWRT Datasheet
52Kb / 1P
   Non-Washable Tactile Switches
More results

Similar Description - 95CW06E3GWT

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKEG ALPS-SKEG Datasheet
247Kb / 5P
   6mm Square(Snap-in Type)
SKEG ALPS-SKEG_15 Datasheet
838Kb / 4P
   6mm Square (Snap-in Type)
SKHH ALPS-SKHH_15 Datasheet
993Kb / 7P
   6mm Square (Snap-in Type)
SKHH ALPS-SKHH Datasheet
291Kb / 7P
   6mm Square (Snap-in Type)
logo
Bourns Electronic Solut...
7916 BOURNS-7916 Datasheet
119Kb / 1P
   SMD 6mm Square Key Switch
logo
Vatronics Technologies ...
3266 VATRONICS-3266 Datasheet
129Kb / 3P
   6mm Square Multi-Turn Trimmer Potentiometers
3269 VATRONICS-3269 Datasheet
39Kb / 1P
   6mm Square Multi-Turn Trimmer Potentiometers
3362 VATRONICS-3362 Datasheet
83Kb / 3P
   6mm Square Single-Turn Trimmer Potentiometers
3323 VATRONICS-3323 Datasheet
99Kb / 3P
   6mm Square Single-Turn Trimmer Potentiometers
logo
ALPS ELECTRIC CO.,LTD.
SKHW ALPS-SKHW Datasheet
202Kb / 3P
   6mm Square Dust-proof (Snap-in Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com