Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

415-0057-036 Datasheet(PDF) 1 Page - Emerson Network Power

Part # 415-0057-036
Description  Fixed Length Cable Assemblies
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

415-0057-036 Datasheet(HTML) 1 Page - Emerson Network Power

  415-0057-036 Datasheet HTML 1Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHES (MILLIMETERS)
CUSTOMER DRAWINGS AVAILABLE UPON REQUEST
Fixed Length
Cable Assemblies
BNC STRAIGHT PLUG TO
BNC STRAIGHT PLUG
PART
CABLE
CABLE
CONNECTOR CONNECTOR
NUMBER
TYPE
LENGTH
A
B
415-0054-012
RG-58
12"
CPMC-88-1
CPMC-88-1
415-0054-024
RG-58
24"
CPMC-88-1
CPMC-88-1
415-0054-036
RG-58
36"
CPMC-88-1
CPMC-88-1
415-0054-048
RG-58
48"
CPMC-88-1
CPMC-88-1
415-0054-060
RG-58
60"
CPMC-88-1
CPMC-88-1
415-0055-012
RG-59 TFE
12"
CPMC-88-10
CPMC-88-10
415-0055-024
RG-59 TFE
24"
CPMC-88-10
CPMC-88-10
415-0055-036
RG-59 TFE
36"
CPMC-88-10
CPMC-88-10
415-0055-048
RG-59 TFE
48"
CPMC-88-10
CPMC-88-10
415-0055-060
RG-59 TFE
60"
CPMC-88-10
CPMC-88-10
415-0057-012
RG-59
12"
CPMC-88-2
CPMC-88-2
415-0057-024
RG-59
24"
CPMC-88-2
CPMC-88-2
415-0057-036
RG-59
36"
CPMC-88-2
CPMC-88-2
415-0057-048
RG-59
48"
CPMC-88-2
CPMC-88-2
415-0057-060
RG-59
60"
CPMC-88-2
CPMC-88-2
With Boot
J
PART
CABLE
CABLE
CONNECTOR CONNECTOR
NUMBER
TYPE
LENGTH
A
B
415-0056-012
Belden 8218
12"
CPMC-88-18
CPMC-88-18
415-0056-024
Belden 8218
24"
CPMC-88-18
CPMC-88-18
415-0056-036
Belden 8218
36"
CPMC-88-18
CPMC-88-18
415-0056-048
Belden 8218
48"
CPMC-88-18
CPMC-88-18
415-0056-060
Belden 8218
60"
CPMC-88-18
CPMC-88-18
With Heat Shrink
Electrical Ratings
Electrical ratings of a cable assembly are determined by the limiting connector type and cable size.
Johnson Components’ cable length
applies to the end of straight
connectors. The length is applied to
the vertical centroid of right angle
connectors.
The last three digits of the part
number reflect the length of the
cable in inches.
g
n
i
k
r
o
W
c
ir
t
c
e
l
e
i
D
r
o
t
c
e
n
n
o
C
Impedance
Frequency
Withstanding
Voltage
Connector
Cable
(Ohms)
(GHz)
Voltage (Vrms)
(Vrms)
BNC
RG-58
50
4
1500 Vrms
500 Vrms
BELDEN 8218
50
4
1500 Vrms
500 Vrms
RG-59
50
4
1500 Vrms
500 Vrms
RG-59 PLENUM
50
4
1500 Vrms
500 Vrms
Emerson Network Power Connectivity Solutions
299 Johnson Avenue SW, Waseca, MN 56093 • 800 -247- 8256 • +1 (507) 833-8822 • www.EmersonConnectivity.com


Similar Part No. - 415-0057-036

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
415-017-000-112 EDAC-415-017-000-112 Datasheet
76Kb / 1P
   415 Series High Reliability Inter-Lock | Green | Metal to Metal | Receptacle | High Profile Insulator | Closed Card Slot
415-017-000-112 EDAC-415-017-000-112 Datasheet
299Kb / 2P
   415 Series High Reliability Inter-Lock | Green | Metal to Metal | Receptacle | High Profile Insulator | Closed Card Slot
415-017-000-122 EDAC-415-017-000-122 Datasheet
76Kb / 1P
   415 Series High Reliability Inter-Lock | Green | Metal to Metal | Receptacle | High Profile Insulator | Closed Card Slot
415-017-000-122 EDAC-415-017-000-122 Datasheet
299Kb / 2P
   415 Series High Reliability Inter-Lock | Green | Metal to Metal | Receptacle | High Profile Insulator | Closed Card Slot
415-017-000-212 EDAC-415-017-000-212 Datasheet
76Kb / 1P
   415 Series High Reliability Inter-Lock | Green | Metal to Metal | Receptacle | High Profile Insulator | Closed Card Slot
More results

Similar Description - 415-0057-036

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
135101-01-0600 AMPHENOL-135101-01-0600 Datasheet
171Kb / 1P
   AssembliesFixed Length SMA Cable Assemblies
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
   Cable Assemblies
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
   Cable Assemblies
Rev 22FEB22
MCX SAMTEC-MCX Datasheet
220Kb / 1P
   Cable Assemblies
MMCX SAMTEC-MMCX Datasheet
156Kb / 1P
   Cable Assemblies
Rev 01MAY21
logo
Pulse A Technitrol Comp...
NMOKHFCX PULSE-NMOKHFCX Datasheet
1Mb / 4P
   CABLE ASSEMBLIES/MOUNTS
logo
ERNI Electronics
839000 ERNI-839000 Datasheet
49Kb / 2P
   Flat Cable Assemblies
logo
Pasternack Enterprises,...
PE34573-36 PASTERNACK-PE34573-36 Datasheet
369Kb / 4P
   RF Cable Assemblies
PE3VNA1802 PASTERNACK-PE3VNA1802 Datasheet
443Kb / 5P
   RF Cable Assemblies
logo
TE Connectivity Ltd
1-1773903-6 TEC-1-1773903-6 Datasheet
773Kb / 15P
   Sliver Cable Assemblies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com