Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7810J3 Datasheet(PDF) 11 Page - Cystech Electonics Corp.

Part # LM7810J3
Description  Three Terminal Positive Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM7810J3 Datasheet(HTML) 11 Page - Cystech Electonics Corp.

Back Button LM7810J3 Datasheet HTML 4Page - Cystech Electonics Corp. LM7810J3 Datasheet HTML 5Page - Cystech Electonics Corp. LM7810J3 Datasheet HTML 6Page - Cystech Electonics Corp. LM7810J3 Datasheet HTML 7Page - Cystech Electonics Corp. LM7810J3 Datasheet HTML 8Page - Cystech Electonics Corp. LM7810J3 Datasheet HTML 9Page - Cystech Electonics Corp. LM7810J3 Datasheet HTML 10Page - Cystech Electonics Corp. LM7810J3 Datasheet HTML 11Page - Cystech Electonics Corp. LM7810J3 Datasheet HTML 12Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C521J3
Issued Date : 2007.10.23
Revised Date : 2014.03.27
Page No. : 11/12
LM78XXJ3
CYStek Product Specification
TO-252AB Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
Marking:
Device
Style: Pin 1.Vin 2.Ground 3.Vout
4.Ground
3-Lead TO-252AB Plastic Surface Mount Package
CYStek Package Code: J3
Name
Date
Code
out:
: 05
: 06
: 08
: 09
10V: 10
12V: 12
15V: 15
18V: 18
24V: 24
78□□
□□□□
4
V
5V
6V
8V
9V
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.087
0.094
2.200
2.400
e
*0.091
*2.300
A1
0.000
0.005
0.000
0.127
e1
0.177
0.185
4.500
4.700
B
0.053
0.065
1.350
1.650
H
0.118 REF
3.000 REF
b
0.020
0.028
0.500
0.700
K
0.197 REF
5.000 REF
b1
0.028
0.035
0.700
0.900
L
0.374
0.390
9.500
9.900
C
0.017
0.023
0.430
0.580
L1
0.100
0.114
2.550
2.900
C1
0.017
0.023
0.430
0.580
L2
0.055
0.070
1.400
1.780
D
0.250
0.262
6.350
6.650
L3
0.024
0.035
0.600
0.900
D1
0.205
0.213
5.200
5.400
P
0.028 REF
0.700 REF
E
0.213
0.224
5.400
5.700
V
0.209 REF
5.300 REF
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead : Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.


Similar Part No. - LM7810J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
444Kb / 13P
   Three Terminal Positive Voltage Regulators
More results

Similar Description - LM7810J3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
   Three-Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05ACDT MCC-MC78M05ACDT Datasheet
168Kb / 3P
   Three-Terminal Positive Voltage Regulators
MC78M05CDT MCC-MC78M05CDT Datasheet
330Kb / 3P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com