Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBMJ2125HS250NT Datasheet(PDF) 11 Page - Taiyo Yuden (U.S.A.), Inc

Part # FBMJ2125HS250NT
Description  CHIP BEAD INDUCTORS FOR POWER LINES (FB SERIES M TYPE)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FBMJ2125HS250NT Datasheet(HTML) 11 Page - Taiyo Yuden (U.S.A.), Inc

Back Button FBMJ2125HS250NT Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc FBMJ2125HS250NT Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc FBMJ2125HS250NT Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc FBMJ2125HS250NT Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc FBMJ2125HS250NT Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc FBMJ2125HS250NT Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc FBMJ2125HS250NT Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc FBMJ2125HS250NT Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc FBMJ2125HS250NT Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
chipbeads_reli_e-E02R01
CHIP BEAD INDUCTORS FOR POWER LINE (FB SERIES M TYPE)
RELIABILITY DATA
1. Operating Temperature Range
Specified Value
-40℃~+125℃
Including self-generated heat
2. Storage Temperature Range
Specified Value
-40℃~+85℃
Test Methods and
Remarks
*Note: -5 to +40℃ in taped packaging
3. Impedance
Specified Value
Within the specified tolerance
Test Methods and
Remarks
Measuring equipment
: Impedance analyzer (HP4291A) or its equivalent
Measuring frequency
: 100±1 MHz
4. DC Resistance
Specified Value
Within the specified range
Test Methods and
Remarks
Four-terminal method
Measuring equipment : Milliohm High-Tester 3226 (Hioki Denki) or its equivalent
5. Rated Current
Specified Value
Within the specified range
6. Vibration
Specified Value
Appearance
: No significant abnormality
Impedance change
: Within ±30% of the initial value
Test Methods and
Remarks
According to JIS C 0040.
Vibration type
: A
Time
: 2 hrs each in X,Y, and Z directions Total: 6 hrs
Frequency range
: 10 to 55 to 10Hz (/min.)
Amplitude
: 1.5 mm (shall not exceed acceleration 196m/s2)
Mounting method
: Soldering onto PC board
7. Solderability
Specified Value
90% or more of immersed surface of terminal electrode shall be covered with fresh solder.
Test Methods and
Remarks
Solder temperature
: 230±5℃
Immersion time
: 4±1 sec.
Preconditioning
: Immersion into flux.
Immersion and Removal speed
: 25mm/sec.
8. Resistance to Soldering Heat
Specified Value
Appearance
: No significant abnormality
Impedance change
: Within ±30% of the initial value
Test Methods and
Remarks
Preheating
: 150℃ for 3 min.
Resistance to Soldering Heat
: 260±5℃
Duration
: 10±0.5 sec.
Preconditioning
: Immersion into flux.
Immersion and Removal speed
: 25mm/sec.
Recovery
: 2 to 3 hrs of recovery under the standard condition after the test.


Similar Part No. - FBMJ2125HS250NT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FBMJ2125HS250NT TAIYO-YUDEN-FBMJ2125HS250NT Datasheet
266Kb / 2P
   Chip Bead Inductors for Power Lines (FB series M type)[FBMJ]
FBMJ2125HS250NT8 TAIYO-YUDEN-FBMJ2125HS250NT8 Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (FB series M type)[FBMJ]
FBMJ2125HS250NTV TAIYO-YUDEN-FBMJ2125HS250NTV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMJ2125HS250NTV TAIYO-YUDEN-FBMJ2125HS250NTV Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (FB series M type)[FBMJ]
FBMJ2125HS250NTV TAIYO-YUDEN-FBMJ2125HS250NTV_V01 Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (FB series M type)[FBMJ]
More results

Similar Description - FBMJ2125HS250NT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FBMH3216HM501NT TAIYO-YUDEN-FBMH3216HM501NT Datasheet
161Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH4532HM681-T TAIYO-YUDEN-FBMH4532HM681-T Datasheet
161Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMJ4516HS720NT TAIYO-YUDEN-FBMJ4516HS720NT Datasheet
166Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH1608HM101-T TAIYO-YUDEN-FBMH1608HM101-T Datasheet
163Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH4525HM162NT TAIYO-YUDEN-FBMH4525HM162NT Datasheet
166Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FAR-F6KA-1G7475-D4CY-Z TAIYO-YUDEN-FAR-F6KA-1G7475-D4CY-Z Datasheet
240Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH4532HM132-T TAIYO-YUDEN-FBMH4532HM132-T Datasheet
164Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH1608HL600-T TAIYO-YUDEN-FBMH1608HL600-T Datasheet
159Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH3225HM102NT TAIYO-YUDEN-FBMH3225HM102NT Datasheet
157Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH1608HL601-T TAIYO-YUDEN-FBMH1608HL601-T Datasheet
161Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMJ3216HM380NT TAIYO-YUDEN-FBMJ3216HM380NT Datasheet
164Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com