Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ23C6V2 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AZ23C6V2
Description  300mW DUAL SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZ23C6V2 Datasheet(HTML) 3 Page - Diodes Incorporated

  AZ23C6V2 Datasheet HTML 1Page - Diodes Incorporated AZ23C6V2 Datasheet HTML 2Page - Diodes Incorporated AZ23C6V2 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS18003 Rev. 3 - 2
3 of 3
AZ23C2V7-AZ23C51
www.diodes.com
10
100
1000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Z
Fig. 5 Total Capacitance vs Nominal Zener Voltage
T= 25 °C
j
V= 1V
R
V= 2V
R
V= 1V
R
V= 2V
R
0
2
4
6
8
10
10
20
30
40
50
60
70
80
90 100
V , ZENER VOLTAGE (V)
Z
Fig. 4 Zener Breakdown Characteristics
Tj = 25°C
Test Current I
Z
5mA
C39
C43
C47
C51
0
10
20
30
0
V , ZENER VOLTAGE (V)
Z
Fig. 3 Zener Breakdown Characteristics
10
20
30
40
T = 25°C
j
Test current I
Z
5mA
C10
C12
C18
C22
C27
C33
C36
C15
0
10
20
30
40
50
01
2
3
4
5
6
7
89
10
V , ZENER VOLTAGE (V)
Z
Fig. 2 Zener Breakdown Characteristics
T = 25°C
j
C2V7
C3V3
C3V9
C4V7
C5V6
C6V8
C8V2
Test Current I
Z
5.0mA
T , Ambient Temperature, (°C)
A
Fig. 1 Power Derating Curve
200
100
300
0
400
0
100
200


Similar Part No. - AZ23C6V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C6V2 VISHAY-AZ23C6V2 Datasheet
54Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Jiangsu Changjiang Elec...
AZ23C6V2 JIANGSU-AZ23C6V2 Datasheet
1Mb / 5P
   ZENER DIODE
logo
Diodes Incorporated
AZ23C6V2 DIODES-AZ23C6V2 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
logo
Diode Semiconductor Kor...
AZ23C6V2 DSK-AZ23C6V2 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
AZ23C6V2 TSC-AZ23C6V2 Datasheet
120Kb / 2P
   Dual Surface Mount Zener Diode
More results

Similar Description - AZ23C6V2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DZ23CXX UTC-DZ23CXX Datasheet
136Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
DZ23C2V7 DIODES-DZ23C2V7_10 Datasheet
87Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 18 - 2
AZ23C2V7 DIODES-AZ23C2V7_13 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C5V1-7 DIODES-DZ23C5V1-7 Datasheet
109Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C157 DIODES-AZ23C157 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7_15 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C2V7 DIODES-AZ23C2V7_1 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com