Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBMH1608HM600-T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # FBMH1608HM600-T
Description  CHIP BEAD INDUCTORS FOR POWER LINES (FB SERIES M TYPE)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FBMH1608HM600-T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  FBMH1608HM600-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FBMH1608HM600-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc FBMH1608HM600-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc FBMH1608HM600-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc FBMH1608HM600-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc FBMH1608HM600-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc FBMH1608HM600-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc FBMH1608HM600-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc FBMH1608HM600-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
14
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
109
CHIP BEAD INDUCTORS FOR POWER LINES (FB SERIES M TYPE)
REFLOW
WAVE
chipbeads_e-E02R01
CHIP BEAD INDUCTORS FOR POWER LINES (FB SERIES M TYPE)
PARTS NUMBER
*Operating Temp. : -40~+125℃(Including self-generated heat)
F
B
M
J
3
2
1
6
H
S
8
0
0
T
△=Blank space
② ③
⑦ ⑧ ⑨
①Series name
Code
Series name
FB
Ferrite bead
②Shape
Code
Shape
M
Rectangular chip
③Characteristics
Code
Characteristics
J
Standard
H
High Impedance type
④Dimensions(L×W)
Code
Type(inch)
Dimensions
(L×W)[mm]
1608
1608(0603)
1.6×0.8
2125
2125(0805)
2.0×1.25
2012
2012(0805)
2016
2016(0806)
2.0×1.6
3216
3216(1206)
3.2×1.6
3225
3225(1210)
3.2×2.5
4516
4516(1806)
4.5×1.6
4525
4525(1810)
4.5×2.5
4532
4532(1812)
4.5×3.2
⑤Material
Code
Material
HS
Refer to impedance curves
for material differences
HM
HL
⑥Nominal impedance
Code
(example)
Nominal impedance[Ω]
330
33
111
110
132
1300
⑦Impedance tolerance
Code
Impedance tolerance
±25%
N
±30%
⑧Packaging
Code
Packaging
T
Taping
⑨Internal code
Code
Internal code
Standard
STANDARD EXTERNAL DIMENSIONS / STANDARD QUANTITY
Recommended Land Patterns
Surface Mounting
・Mounting and soldering conditions should be
checked beforehand.
Type
A
B
C
FB MJ1608
1.0
1.0
1.0
FB MJ2125
1.4
1.2
1.65
FB MJ3216
1.4
2.2
2.0
FB MJ4516
1.75
3.5
2.0
FB MH1608
1.0
1.0
1.0
FB MH2012
1.4
1.2
1.65
FB MH2016
1.4
1.2
2.0
FB MH3216
1.4
2.2
2.0
FB MH3225
1.4
2.2
2.9
FB MH4516
1.75
3.5
2.0
FB MH4525
1.75
3.5
2.9
FB MH4532
1.75
3.5
3.7
Unit:mm
Type
L
W
T
e
Standard quantity [pcs]
Paper tape
Embossed tape
FB MJ1608
(0603)
1.6±0.2
(0.063±0.008)
0.8±0.2
(0.031±0.008)
0.8±0.2
(0.031±0.008)
0.3±0.2
(0.012±0.008)
4000
FB MJ2125
(0805)
2.0±0.2
(0.079±0.008)
1.25±0.2
(0.049±0.008)
0.85±0.2
(0.033±0.008)
0.5±0.3
(0.020±0.012)
4000
FB MJ3216
(1206)
3.2±0.3
(0.126±0.012)
1.6±0.2
(0.063±0.008)
1.1±0.2
(0.043±0.008)
0.5±0.3
(0.020±0.012)
2000
FB MJ4516
(1806)
4.5±0.3
(0.177±0.012)
1.6±0.2
(0.063±0.008)
1.1±0.2
(0.043±0.008)
0.5±0.3
(0.020±0.012)
2000
FB MH1608
(0603)
1.6±0.1
(0.063±0.004)
0.8±0.1
(0.031±0.004)
0.8±0.1
(0.031±0.004)
0.3±0.15
(0.012±0.006)
4000
FB MH2012
(0805)
2.0±0.2
(0.079±0.008)
1.25±0.2
(0.049±0.008)
0.85±0.2
(0.033±0.008)
0.5±0.3
(0.020±0.012)
4000
FB MH2016
(0806)
2.0±0.2
(0.079±0.008)
1.6±0.2
(0.063±0.008)
1.6±0.2
(0.063±0.008)
0.5±0.3
(0.020±0.012)
2000
FB MH3216
(1206)
3.2±0.3
(0.126±0.012)
1.6±0.2
(0.063±0.008)
1.6±0.2
(0.063±0.008)
0.5±0.3
(0.020±0.012)
2000
FB MH3225
(1210)
3.2±0.3
(0.126±0.012)
2.5±0.3
(0.098±0.012)
2.5±0.3
(0.098±0.012)
0.5±0.3
(0.020±0.012)
1000
FB MH4516
(1806)
4.5±0.3
(0.177±0.012)
1.6±0.2
(0.063±0.008)
1.6±0.2
(0.063±0.008)
0.5±0.3
(0.020±0.012)
2000
FB MH4525
(1810)
4.5±0.4
(0.177±0.016)
2.5±0.3
(0.098±0.012)
2.5±0.3
(0.098±0.012)
0.9±0.6
(0.035±0.024)
1000
FB MH4532
(1812)
4.5±0.4
(0.177±0.016)
3.2±0.3
(0.126±0.012)
3.2±0.3
(0.126±0.012)
0.9±0.6
(0.035±0.024)
2000
Unit:mm(inch)


Similar Part No. - FBMH1608HM600-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FBMH1608HM600-T TAIYO-YUDEN-FBMH1608HM600-T Datasheet
266Kb / 2P
   Chip Bead Inductors for Power Lines (FB series M type)[FBMH]
FBMH1608HM600-T8 TAIYO-YUDEN-FBMH1608HM600-T8 Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (FB series M type)[FBMH]
FBMH1608HM600-TV TAIYO-YUDEN-FBMH1608HM600-TV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMH1608HM600-TV TAIYO-YUDEN-FBMH1608HM600-TV Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (FB series M type)[FBMH]
FBMH1608HM600-TV TAIYO-YUDEN-FBMH1608HM600-TV_V01 Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (FB series M type)[FBMH]
More results

Similar Description - FBMH1608HM600-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FBMH3216HM501NT TAIYO-YUDEN-FBMH3216HM501NT Datasheet
161Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH4532HM681-T TAIYO-YUDEN-FBMH4532HM681-T Datasheet
161Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMJ4516HS720NT TAIYO-YUDEN-FBMJ4516HS720NT Datasheet
166Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH1608HM101-T TAIYO-YUDEN-FBMH1608HM101-T Datasheet
163Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH4525HM162NT TAIYO-YUDEN-FBMH4525HM162NT Datasheet
166Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FAR-F6KA-1G7475-D4CY-Z TAIYO-YUDEN-FAR-F6KA-1G7475-D4CY-Z Datasheet
240Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH4532HM132-T TAIYO-YUDEN-FBMH4532HM132-T Datasheet
164Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH1608HL600-T TAIYO-YUDEN-FBMH1608HL600-T Datasheet
159Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH3225HM102NT TAIYO-YUDEN-FBMH3225HM102NT Datasheet
157Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH1608HL601-T TAIYO-YUDEN-FBMH1608HL601-T Datasheet
161Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMJ3216HM380NT TAIYO-YUDEN-FBMJ3216HM380NT Datasheet
164Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com