Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBMH1608HM221-T Datasheet(PDF) 8 Page - Taiyo Yuden (U.S.A.), Inc

Part # FBMH1608HM221-T
Description  CHIP BEAD INDUCTORS FOR POWER LINES (FB SERIES M TYPE)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FBMH1608HM221-T Datasheet(HTML) 8 Page - Taiyo Yuden (U.S.A.), Inc

Back Button FBMH1608HM221-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc FBMH1608HM221-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc FBMH1608HM221-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc FBMH1608HM221-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc FBMH1608HM221-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc FBMH1608HM221-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc FBMH1608HM221-T Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc FBMH1608HM221-T Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc FBMH1608HM221-T Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
chipbeads_pack_e-E02R01
CHIP BEAD INDUCTORS FOR POWER LINES (FB SERIES M TYPE)
PACKAGING
①Minimum Quantity
Type
Standard Quantity[pcs]
Paper Tape
Embossed Tape
1608(0603)
4000
2125(0805)
4000
2012(0805)
4000
2016(0806)
2000
3216(1206)
2000
3225(1210)
1000
4516(1806)
2000
4525(1810)
1000
4532(1812)
2000
②Tape Material
Card board carrier tape
Top tape
Base tape
Sprocket hole
Bottom tape
Chip cavity
Chip
Chip Filled
Embossed tape
Top tape
Base tape
Sprocket hole
Chip cavity
Chip
Chip Filled
③Taping Dimensions
Paper tape (0.315 inches wide)


Similar Part No. - FBMH1608HM221-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FBMH1608HM221-T TAIYO-YUDEN-FBMH1608HM221-T Datasheet
159Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH1608HM221-T TAIYO-YUDEN-FBMH1608HM221-T Datasheet
266Kb / 2P
   Chip Bead Inductors for Power Lines (FB series M type)[FBMH]
FBMH1608HM221-T8 TAIYO-YUDEN-FBMH1608HM221-T8 Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (FB series M type)[FBMH]
FBMH1608HM221-TV TAIYO-YUDEN-FBMH1608HM221-TV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMH1608HM221-TV TAIYO-YUDEN-FBMH1608HM221-TV Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (FB series M type)[FBMH]
More results

Similar Description - FBMH1608HM221-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FBMH3216HM501NT TAIYO-YUDEN-FBMH3216HM501NT Datasheet
161Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH4532HM681-T TAIYO-YUDEN-FBMH4532HM681-T Datasheet
161Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMJ4516HS720NT TAIYO-YUDEN-FBMJ4516HS720NT Datasheet
166Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH1608HM101-T TAIYO-YUDEN-FBMH1608HM101-T Datasheet
163Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH4525HM162NT TAIYO-YUDEN-FBMH4525HM162NT Datasheet
166Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FAR-F6KA-1G7475-D4CY-Z TAIYO-YUDEN-FAR-F6KA-1G7475-D4CY-Z Datasheet
240Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH4532HM132-T TAIYO-YUDEN-FBMH4532HM132-T Datasheet
164Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH1608HL600-T TAIYO-YUDEN-FBMH1608HL600-T Datasheet
159Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH3225HM102NT TAIYO-YUDEN-FBMH3225HM102NT Datasheet
157Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH1608HL601-T TAIYO-YUDEN-FBMH1608HL601-T Datasheet
161Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMJ3216HM380NT TAIYO-YUDEN-FBMJ3216HM380NT Datasheet
164Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com