Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1249W-100IND Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1249W-100IND
Description  3.3V 2048kb Nonvolatile SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1249W-100IND Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1249W-100IND Datasheet HTML 1Page - Dallas Semiconductor DS1249W-100IND Datasheet HTML 2Page - Dallas Semiconductor DS1249W-100IND Datasheet HTML 3Page - Dallas Semiconductor DS1249W-100IND Datasheet HTML 4Page - Dallas Semiconductor DS1249W-100IND Datasheet HTML 5Page - Dallas Semiconductor DS1249W-100IND Datasheet HTML 6Page - Dallas Semiconductor DS1249W-100IND Datasheet HTML 7Page - Dallas Semiconductor DS1249W-100IND Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS1249W
3 of 8
ABSOLUTE MAXIMUM RATINGS
Voltage on Any Pin Relative to Ground
-0.3V to +4.6V
Operating Temperature Range
Commercial:
0°C to +70°C
Industrial:
-40°C to +85°C
Storage Temperature Range
-40°C to +85°C
Lead Temperature (soldering, 10s)
+260°C
Note: EDIP is wave or hand soldered only.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect
reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power-Supply Voltage
VCC
3.0
3.3
3.6
V
Logic 1
VIH
2.2
VCC
V
Logic 0
VIL
0.0
+0.4
V
DC ELECTRICAL CHARACTERISTICS
(TA: See Note 10; VCC = 3.3V ± 0.3V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
-2.0
+2.0
µA
I/O Leakage Current CE
≥ V
IH ≤ VCC
IIO
-2.0
+2.0
µA
Output Current at 2.2V
IOH
-1.0
mA
Output Current at 0.4V
IOL
2.0
mA
Standby Current CE = 2.2V
ICCS1
150
250
µA
Standby Current CE = VCC - 0.2V
ICCS2
100
150
µA
Operating Current
ICCO1
50
mA
Write Protection Voltage
VTP
2.8
2.9
3.0
V
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
10
20
pF
Input/Output Capacitance
CI/O
10
20
pF


Similar Part No. - DS1249W-100IND

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1249W-100 DALLAS-DS1249W-100 Datasheet
157Kb / 8P
   3.3V 2048kb Nonvolatile SRAM
DS1249W-100-IND DALLAS-DS1249W-100-IND Datasheet
157Kb / 8P
   3.3V 2048kb Nonvolatile SRAM
More results

Similar Description - DS1249W-100IND

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1249W DALLAS-DS1249W Datasheet
157Kb / 8P
   3.3V 2048kb Nonvolatile SRAM
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
DS1230W DALLAS-DS1230W Datasheet
214Kb / 11P
   3.3V 256k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
ARTSCHIP ELECTRONICS CO...
DS1230W ARTSCHIP-DS1230W Datasheet
527Kb / 11P
   3.3V 256K Nonvolatile SRAM
DS1245W ARTSCHIP-DS1245W Datasheet
401Kb / 11P
   3.3V 1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1250W MAXIM-DS1250W Datasheet
226Kb / 9P
   3.3V 4096k Nonvolatile SRAM
19-5648; Rev 12/10
logo
Dallas Semiconductor
DS1245W DALLAS-DS1245W Datasheet
218Kb / 11P
   3.3V 1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1270W MAXIM-DS1270W Datasheet
156Kb / 8P
   3.3V 16Mb Nonvolatile SRAM
110602
DS1245W MAXIM-DS1245W Datasheet
229Kb / 10P
   3.3V 1024k Nonvolatile SRAM
19-5640; Rev 11/10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com