Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT201X Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FT201X
Description  Future Technology Devices International Ltd.
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT201X Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FT201X Datasheet HTML 6Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 7Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 8Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 9Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 10Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 11Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 12Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 13Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Copyright © 2013 Future Technology Devices International Limited
10
FT201X USB I2C SLAVE IC Datasheet
Version 1.3
Document No.: FT_000627 Clearance No.: FTDI# 264
Pin No.
Name
Type
Description
4
SDA
I/O
I2C bi-directional data line
2
SCL
Input
I2C clock input
15
CBUS0
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device MTP memory. See CBUS Signal Options, Table 3.7.
14
CBUS1
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device MTP memory. See CBUS Signal Options, Table 3.7.
7
CBUS2
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device MTP memory. See CBUS Signal Options, Table 3.7.
16
CBUS3
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device MTP memory. See CBUS Signal Options, Table 3.7.
6
CBUS4
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device MTP memory. See CBUS Signal Options, Table 3.7.
1
CBUS5
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device MTP memory. See CBUS Signal Options, Table 3.7.
Table 3.6 Interface and CBUS Group (see note 1)
Notes:
1. When used in Input Mode, the input pins are pulled to VCCIO via internal 75kΩ (approx) resistors.
These pins can be programmed to gently pull low during USB suspend (PWREN# = “1”) by setting an
option in the MTP memory.
2. Clock stretching is not supported


Similar Part No. - FT201X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT201XQ ETC2-FT201XQ Datasheet
1Mb / 28P
   Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
logo
Future Technology Devic...
FT201XQ-T FTDI-FT201XQ-T Datasheet
1Mb / 49P
   USB I2C SLAVE IC
logo
List of Unclassifed Man...
FT201XS ETC2-FT201XS Datasheet
1Mb / 28P
   Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
More results

Similar Description - FT201X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
   Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
   Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
   Future Technology Devices International Ltd.
FT230XQ-R FTDI-FT230XQ-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
USB-COM232-PLUS-2 ETC2-USB-COM232-PLUS-2 Datasheet
805Kb / 24P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
   Future Technology Devices International Ltd.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com