Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E025MK-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # VND5E025MK-E
Description  Double-channel high-side driver with analog current sense for automotive applications
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E025MK-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VND5E025MK-E Datasheet HTML 7Page - STMicroelectronics VND5E025MK-E Datasheet HTML 8Page - STMicroelectronics VND5E025MK-E Datasheet HTML 9Page - STMicroelectronics VND5E025MK-E Datasheet HTML 10Page - STMicroelectronics VND5E025MK-E Datasheet HTML 11Page - STMicroelectronics VND5E025MK-E Datasheet HTML 12Page - STMicroelectronics VND5E025MK-E Datasheet HTML 13Page - STMicroelectronics VND5E025MK-E Datasheet HTML 14Page - STMicroelectronics VND5E025MK-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
VND5E025MK-E
Electrical specification
Doc ID 16471 Rev 2
11/35
Table 9.
Current sense (8V < VCC < 18V)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
KLED
IOUT/ISENSE
IOUT = 0.05A; VSENSE =0.5V; VCSD =0V;
Tj = -40°C to 150°C
1240 3350 4960
K0
IOUT/ISENSE
IOUT = 0.5A; VSENSE = 0.5V; VCSD =0V;
Tj = -40°C to 150°C
1860 3150 4600
K1
IOUT/ISENSE
IOUT = 2 A; VSENSE =4 V;
VCSD =0V;
Tj = -40°C to 150°C
Tj = 25°C to 150°C
2100
2250
3100
3100
4400
3850
dK1/K1
(1)
Current sense
ratio drift
IOUT = 2 A; VSENSE =4 V;
VCSD =0V;
Tj = -40°C to 150°C
-13
13
%
K2
IOUT/ISENSE
IOUT = 3 A; VSENSE =4V;
VCSD =0V;
Tj = -40°C to 150°C
Tj = 25°C to150°C
2200
2450
3000
3000
4100
3550
dK2/K2
(1)
Current sense
ratio drift
IOUT = 3 A; VSENSE =4V; VCSD =0V;
Tj = -40°C to 150°C
-12
12
%
K3
IOUT/ISENSE
IOUT = 10 A; VSENSE =4V;
VCSD =0V;
Tj = -40°C to 150°C
Tj = 25°C to 150°C
2550
2650
2850
2850
3280
3180
dK3/K3
(1)
Current sense
ratio drift
IOUT =10 A; VSENSE =4V; VCSD =0V;
Tj = -40°C to 150°C
-6
+6
%
ISENSE0
Analog sense
leakage current
IOUT = 0A; VSENSE =0V;
VCSD =5V; VIN =0V; Tj = -40°C to 150°C
VCSD =0V; VIN =5V; Tj = -40°C to 150°C
IOUT = 2A; VSENSE =0V;
VCSD =5V; VIN =5V; Tj = -40°C to 150°C
0
0
0
1
2
1
µA
µA
µA
IOL
Open-load on-
state current
detection
threshold
VIN = 5V, 8V<VCC<18V
ISENSE= 5 µA
530
mA
VSENSE
Max analog
sense output
voltage
IOUT = 3 A; VCSD = 0V
5
V
VSENSEH
Analog sense
output voltage in
fault condition(2)
VCC =13V; RSENSE =3.9kΩ
8
ISENSEH
Analog sense
output current in
fault condition(2)
VCC =13V; VSENSE =5V
9
mA


Similar Part No. - VND5E025MK-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E025AK-E STMICROELECTRONICS-VND5E025AK-E Datasheet
857Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
VND5E025AK-E STMICROELECTRONICS-VND5E025AK-E Datasheet
473Kb / 38P
   Double channel high-side driver with analog current sense for automotive applications
VND5E025AKTR-E STMICROELECTRONICS-VND5E025AKTR-E Datasheet
473Kb / 38P
   Double channel high-side driver with analog current sense for automotive applications
VND5E025AS-E STMICROELECTRONICS-VND5E025AS-E Datasheet
751Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 6
VND5E025ASTR-E STMICROELECTRONICS-VND5E025ASTR-E Datasheet
751Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 6
More results

Similar Description - VND5E025MK-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com