Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1850-0000-000N0YU235F Datasheet(PDF) 1 Page - Cree, Inc

Part # CXA1850-0000-000N0YU235F
Description  Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1850-0000-000N0YU235F Datasheet(HTML) 1 Page - Cree, Inc

  CXA1850-0000-000N0YU235F Datasheet HTML 1Page - Cree, Inc CXA1850-0000-000N0YU235F Datasheet HTML 2Page - Cree, Inc CXA1850-0000-000N0YU235F Datasheet HTML 3Page - Cree, Inc CXA1850-0000-000N0YU235F Datasheet HTML 4Page - Cree, Inc CXA1850-0000-000N0YU235F Datasheet HTML 5Page - Cree, Inc CXA1850-0000-000N0YU235F Datasheet HTML 6Page - Cree, Inc CXA1850-0000-000N0YU235F Datasheet HTML 7Page - Cree, Inc CXA1850-0000-000N0YU235F Datasheet HTML 8Page - Cree, Inc CXA1850-0000-000N0YU235F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Product family data sheet
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree
logo, XLamp® and easyWhite® are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.407.5300
cree
® Xlamp® cXa1850 led
Product descriPtion
The XLamp CXA1850 expands
Cree’s family of High Density (HD)
LeD arrays, featuring a 12-mm
optical source and enabling lighting
manufacturers to create a new
generation of products that delivers
the same intensity and light quality
as 70-W ceramic metal halide
(CmH) at up to 50 percent lower
power. The new HD class of CXA
arrays provide unrivaled lumen
density that can reduce system
cost for the next generation of LeD
spotlights.
The
CXA
LeD
Design
Guide
provides basic information on the
requirements to use the CXA1850
LeD
successfully
in
luminaire
designs.1
1
Cree XLamp CXA LeD Design Guide,
Design Guide DG02, www.cree.com/
xlamp_app_notes/cxa_design_guide
features
• Available in 4-step and 2-step
easyWhite® bins at 2700 K,
3000 K, 3500 K, 4000 K and
5000 K, 5700 K and 6500 K
CCT
• Available in ANSI white bins at
4000 K, 5000 K, 5700 K and
6500 K CCT
• Available in 70-, 80- and
93-minimum CRI options
• Forward voltage: 35 v
• 85 °C binning and
characterization
• maximum drive current:
2100 mA
• 115° viewing angle, uniform
chromaticity profile
• Top-side solder connections
• Thermocouple attach point
• NEMASSL-32011standardflux
bins
table of contents
Characteristics .............................. 2
operating Limits............................ 2
Flux Characteristics, easyWhite
order Codes and Bins .................... 3
Flux Characteristics, ANSI White
order Codes and Bins .................... 5
Relative Spectral power Distribution . 6
electrical Characteristics................. 6
Relative Luminous Flux................... 7
Typical Spatial Distribution.............. 8
performance Groups - Brightness..... 8
performance Groups - Chromaticity.. 9
Cree easyWhite Bins plotted on the
CIe 1931 Color Space ...................11
Cree ANSI White Bins plotted on
the CIe 1931 Color Space ..............11
Bin and order Code Formats ..........12
mechanical Dimensions..................12
Thermal Design............................13
Notes..........................................14
packaging....................................15


Similar Part No. - CXA1850-0000-000N0YU235F

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1851 SONY-CXA1851 Datasheet
223Kb / 12P
   Up/Down Converter for 900 MHz-Band Mobile Communications
CXA1851N SONY-CXA1851N Datasheet
223Kb / 12P
   Up/Down Converter for 900 MHz-Band Mobile Communications
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
CXA1853AQ SONY-CXA1853AQ Datasheet
699Kb / 39P
   RGB Driver for LCD
CXA1853Q SONY-CXA1853Q Datasheet
758Kb / 39P
   RGB Driver for LCD
More results

Similar Description - CXA1850-0000-000N0YU235F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
MK-R CREE-MK-R Datasheet
1Mb / 33P
   Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
CXB1310 CREE-CXB1310 Datasheet
2Mb / 20P
   Available in 5-step EasyWhite
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
   Available in 5-step EasyWhite
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
Mallory Sonalert Produc...
MSE28MTT3S MSPI-MSE28MTT3S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Mallory performance clu...
PN8732 MALLORY-PN8732 Datasheet
241Kb / 4P
   Digital 2-Step
8732 MALLORY-8732 Datasheet
241Kb / 4P
   Digital 2-Step
logo
Mallory Sonalert Produc...
MSE28LDT8S MSPI-MSE28LDT8S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Hammond Manufacturing L...
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com