Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2590-0000-000R00AB35F Datasheet(PDF) 5 Page - Cree, Inc

Part # CXA2590-0000-000R00AB35F
Description  Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2590-0000-000R00AB35F Datasheet(HTML) 5 Page - Cree, Inc

  CXA2590-0000-000R00AB35F Datasheet HTML 1Page - Cree, Inc CXA2590-0000-000R00AB35F Datasheet HTML 2Page - Cree, Inc CXA2590-0000-000R00AB35F Datasheet HTML 3Page - Cree, Inc CXA2590-0000-000R00AB35F Datasheet HTML 4Page - Cree, Inc CXA2590-0000-000R00AB35F Datasheet HTML 5Page - Cree, Inc CXA2590-0000-000R00AB35F Datasheet HTML 6Page - Cree, Inc CXA2590-0000-000R00AB35F Datasheet HTML 7Page - Cree, Inc CXA2590-0000-000R00AB35F Datasheet HTML 8Page - Cree, Inc CXA2590-0000-000R00AB35F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
5
XLamp CXa2590 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
fluX characteristics, ansi White order codes and bins (i
f = 1200 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA2590 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 13).
cct
range
cri
base order codes
min. luminous flux
@ 1200 ma
chromaticity regions
order code
min
typ
group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
6500 K
70
75
AD
9000
9767
1A0, 1B0, 1C0, 1D0
CXA2590-0000-000R00AD0e1
BB
9500
10,310
CXA2590-0000-000R00BB0e1
80
---
AB
8500
9225
1A0, 1B0, 1C0, 1D0
CXA2590-0000-000R0HAB0e1
AD
9000
9767
CXA2590-0000-000R0HAD0e1
5700 K
70
75
AD
9000
9767
2A0, 2B0, 2C0, 2D0
CXA2590-0000-000R00AD0e2
BB
9500
10,310
CXA2590-0000-000R00BB0e2
80
---
AB
8500
9225
2A0, 2B0, 2C0, 2D0
CXA2590-0000-000R0HAB0e2
AD
9000
9767
CXA2590-0000-000R0HAD0e2
5000 K
70
75
AD
9000
9767
3A0, 3B0, 3C0, 3D0
CXA2590-0000-000R00AD0e3
BB
9500
10,310
CXA2590-0000-000R00BB0e3
80
---
AB
8500
9225
3A0, 3B0, 3C0, 3D0
CXA2590-0000-000R0HAB0e3
AD
9000
9767
CXA2590-0000-000R0HAD0e3
4000 K
70
75
AD
9000
9767
5A0, 5B0, 5C0, 5D0
CXA2590-0000-000R00AD0e5
BB
9500
10,310
CXA2590-0000-000R00BB0e5
80
---
Z4
7945
8020
5A0, 5B0, 5C0, 5D0
CXA2590-0000-000R0HZ40e5
AB
8500
9225
CXA2590-0000-000R0HAB0e5
AD
9000
9767
CXA2590-0000-000R0HAD0e5


Similar Part No. - CXA2590-0000-000R00AB35F

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2596 SONY-CXA2596 Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2596M SONY-CXA2596M Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2598M SONY-CXA2598M Datasheet
71Kb / 8P
   PDIC for CD-R/RW
More results

Similar Description - CXA2590-0000-000R00AB35F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
MK-R CREE-MK-R Datasheet
1Mb / 33P
   Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
CXB1310 CREE-CXB1310 Datasheet
2Mb / 20P
   Available in 5-step EasyWhite
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
   Available in 5-step EasyWhite
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
Mallory Sonalert Produc...
MSE28MTT3S MSPI-MSE28MTT3S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Mallory performance clu...
PN8732 MALLORY-PN8732 Datasheet
241Kb / 4P
   Digital 2-Step
8732 MALLORY-8732 Datasheet
241Kb / 4P
   Digital 2-Step
logo
Mallory Sonalert Produc...
MSE28LDT8S MSPI-MSE28LDT8S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Hammond Manufacturing L...
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com