Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1500 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC1500
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1500 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC1500 Datasheet HTML 3Page - NXP Semiconductors LPC1500 Datasheet HTML 4Page - NXP Semiconductors LPC1500 Datasheet HTML 5Page - NXP Semiconductors LPC1500 Datasheet HTML 6Page - NXP Semiconductors LPC1500 Datasheet HTML 7Page - NXP Semiconductors LPC1500 Datasheet HTML 8Page - NXP Semiconductors LPC1500 Datasheet HTML 9Page - NXP Semiconductors LPC1500 Datasheet HTML 10Page - NXP Semiconductors LPC1500 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
7 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
6.
Block diagram
Grey-shaded blocks show peripherals that can provide hardware triggers for DMA transfers or have DMA request lines.
Fig 3.
LPC15xx Block diagram
ARM
CORTEX-M3
TEST/DEBUG INTERFACE
SWD/ETM
SYSTICK
NVIC
MPU
PROCESSOR CORE
PRECISION
IRC
SYSTEM
PLL
WATCHDOG
OSCILLATOR
USB
PLL
SCT
PLL
FREQUENCY
MEASUREMENT
SYSTEM
OSCILLATOR
RTC
OSCILLATOR
CLOCK
GENERATION
SCTIPU
256/128/64 kB FLASH
32 kB ROM
36/20/12 kB SRAM
4 kB EEPROM
12-bit DAC
MEMORY
PORT0/1/2
GINT0/1
PINT/
PATTERN MATCH
SCTIMER0/
PWM
SCTIMER1/
PWM
SCTIMER2/
PWM
SCTIMER3/
PWM
HS GPIO
QEI
DMA TRIGGER
ACMP0/
TEMPERATURE
SENSOR
ACMP1
ACMP2
ACMP3
INPUT MUX
SCTIMER/PWM/MOTOR CONTROL SUBSYSTEM
SPI0
USART0
SPI1
USART1
FM+ I2C0
USART2
C_CAN
FS USB/
PHY
INPUT MUX
SYSCON
IOCON
PMU
CRC
FLASH CTRL
EEPROM CTRL
SYSTEM/MEMORY CONTROL
MRT
RIT
WWDT
RTC
TIMERS
SERIAL PERIPHERALS
12-bit ADC0
TRIGGER MUX
ANALOG PERIPHERALS
12-bit ADC1
TRIGGER MUX
AHB MULTILAYER
MATRIX
AHB/APB BRIDGES
INPUT MUX
INPUT MUX
DMA
pads
LPC15xx
n
pads
n
SWM
aaa-010869


Similar Part No. - LPC1500

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
LPC150CTP VCC-LPC150CTP Datasheet
78Kb / 1P
   VERTICAL CLIPLITE 4MM LITEPIPE
More results

Similar Description - LPC1500

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
LPC1311_1008 NXP-LPC1311_1008 Datasheet
1Mb / 62P
   32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
LPC1311 NXP-LPC1311_11 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
LPC11E6X NXP-LPC11E6X Datasheet
2Mb / 90P
   32-bit ARM Cortex-M0 microcontroller; up to 256 kB flash and 36 kB SRAM; 4 kB EEPROM; 12-bit ADC
Rev.1.5-12 August 2020
LPC15XX NXP-LPC15XX Datasheet
1Mb / 107P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM; FS USB, CAN, RTC, SPI, USART, I2C
Rev. 1.1-29 April 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com