Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E160MJ-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # VND5E160MJ-E
Description  Double-channel high-side driver with analog current sense for automotive applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E160MJ-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VND5E160MJ-E Datasheet HTML 7Page - STMicroelectronics VND5E160MJ-E Datasheet HTML 8Page - STMicroelectronics VND5E160MJ-E Datasheet HTML 9Page - STMicroelectronics VND5E160MJ-E Datasheet HTML 10Page - STMicroelectronics VND5E160MJ-E Datasheet HTML 11Page - STMicroelectronics VND5E160MJ-E Datasheet HTML 12Page - STMicroelectronics VND5E160MJ-E Datasheet HTML 13Page - STMicroelectronics VND5E160MJ-E Datasheet HTML 14Page - STMicroelectronics VND5E160MJ-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
VND5E160MJ-E
Electrical specifications
Doc ID 15616 Rev 2
11/34
Table 9.
Current sense (8 V < VCC < 18 V)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
K0
IOUT/ISENSE
IOUT = 0.025 A, VSENSE = 0.5 V,
VCSD = 0 V, Tj = -40 °C to 150 °C
270 520
730
K1
IOUT/ISENSE
IOUT = 0.35 A, VSENSE = 0.5 V,
VCSD = 0 V, Tj = -40 °C to 150 °C
345 470
610
IOUT = 0.35 A, VSENSE = 0.5 V,
VCSD = 0 V, Tj = 25 °C to 150 °C
370 470
540
dK1/K1(1)
Current sense ratio
drift
IOUT = 0.35 A; VSENSE = 0.5 V,
VCSD = 0 V, Tj = -40 °C to 150 °C
-13
13
%
K2
IOUT/ISENSE
IOUT = 0.5 A, VSENSE = 4 V, VCSD = 0 V,
Tj = -40 °C to 150 °C
370 460
550
IOUT = 0.5 A, VSENSE = 4 V, VCSD = 0 V,
Tj = 25 °C to 150 °C
390 460
510
dK2/K2(1)
Current sense ratio
drift
IOUT = 0.5 A, VSENSE = 4 V,
VCSD = 0 V,
Tj = -40 °C to 150 °C
-8
8
%
K3
IOUT/ISENSE
IOUT = 1.5 A, VSENSE = 4 V, VCSD = 0 V,
Tj = -40 °C to 150 °C
400 430
470
IOUT = 1.5 A, VSENSE = 4 V, VCSD = 0 V,
Tj = 25 °C to 150 °C
410 430
460
dK3/K3(1)
Current sense ratio
drift
IOUT = 1.5 A, VSENSE= 4 V,
VCSD = 0 V,
Tj = -40 °C to 150 °C
-4
4
%
ISENSE0
Analog sense
leakage current
IOUT = 0 A, VSENSE = 0 V, VCSD = 5 V,
VIN = 0 V, Tj = -40 °C to 150 °C
01
µA
IOUT = 0 A, VSENSE = 0 V;, VCSD = 0 V,
VIN = 5 V, Tj = -40 °C to 150 °C
02
IOUT = 0.6 A, VSENSE = 0 V; VCSD = 5
V, VIN = 5 V, Tj = -40 °C to 150 °C
01
IOL
Open-load ON-state
current detection
threshold
VIN = 5 V, 8 V < VCC < 18 V
ISENSE = 5 µA
15
mA
VSENSE
Max analog sense
output voltage
IOUT = 1.5 A, VCSD = 0 V
5
V
VSENSEH(2)
Analog sense output
voltage in fault
condition
VCC = 13 V, RSENSE = 3.9 K
8V
ISENSEH(2)
Analog sense output
current in fault
condition
VCC = 13 V, VSENSE = 5 V
9
mA


Similar Part No. - VND5E160MJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E160MJTR-E STMICROELECTRONICS-VND5E160MJTR-E Datasheet
532Kb / 34P
   Double-channel high-side driver with analog current sense for automotive applications
More results

Similar Description - VND5E160MJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com